Electronic Components Datasheet Search
  English  ▼

X  

2-971111-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 2-971111-2
Description  IDC Flat Ribbon Cable GIC EMEA Product Guide – December 02
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-971111-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  2-971111-2 Datasheet HTML 1Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 2Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 3Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 4Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 5Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 6Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AMP 971111 and 57040 Series
A cost effective standard grey ribbon cable with red identification stripe.
Wire size
28 AWG (7/36) stranded
Colour
Grey
Insulation
PVC
Temperature rating
105C
Voltage rating
300V rms
Impedance
105Ω
Capacitance
45pF/m
Propagation delay
4.76nS/m
Insulation resistance
10^10Ω
Crosstalk - 3.05 mtr sample 1 line driven
Rise time
5.0nS
Near end
3.0%
Far end
4.0%
UL style no
2651
Reel Length 30 Metres
No of Ways
Part No
09
1-57040-2
10
1-57040-3
14
1-57040-4
15
1-57040-5
16
1-57040-6
20
0-57040-1
24
1-57040-7
25
0-57040-2
26
0-57040-3
34
0-57040-4
36
2-57040-5
37
1-57040-8
40
0-57040-5
50
0-57040-6
60
0-57040-7
64
2-57040-2
Reel Length 152 Metres
No of Ways
Part No
09
1-971111-2
10
1-971111-3
14
1-971111-4
15
1-971111-5
16
1-971111-6
20
0-971111-1
24
1-971111-7
25
0-971111-2
26
0-971111-3
34
0-971111-4
36
2-971111-5
37
1-971111-8
40
0-971111-5
50
0-971111-6
60
0-971111-7
64
2-971111-2
Colour Coded 1.27mm Flat Cable
Ansley 201G Series
Colour coded cable, particularly suited for splitting into discrete wires or for improved conductor identification. Supersedes the original
Ansley 201 series.
Wire size
28 AWG (7/36) stranded
Colour
Colour coded
Insulation
PVC
Temperature rating
105C
Voltage rating
300V rms
Impedance
100Ω
Capacitance
46pF/m
Inductance
0.46uH/m
Propagation delay
4.53nS/m
Insulation resistance
10^10Ω
Crosstalk - 3.05 mtr sample 1 line driven
Rise time
3.0nS
7.0nS
Near end
5.0%
3.2%
Far end
6.7%
2.7%
UL style no
20067



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com