Electronic Components Datasheet Search
  English  ▼

X  

2-971111-2 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 2-971111-2
Description  IDC Flat Ribbon Cable GIC EMEA Product Guide – December 02
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-971111-2 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  2-971111-2 Datasheet HTML 1Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 2Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 3Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 4Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 5Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 6Page - TE Connectivity Ltd 2-971111-2 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Very High Flexibility 1.27mm Flat Cable
Ansley 175 Series
High flexibility flat conductor cable for use with Ansley 609 series contacts only. Requires self adhesive cable guide adapter for correct
termination, 609-WXX4 for socket connectors, and 609-WXX3 for pcb transition connectors.
Wire size
32 AWG flat conductor
Colour
Pink
Insulation
Polyester
Temperature rating
80C
Voltage rating
90V rms
Reel Length 30 Metres
No of Ways
Part Ref
Part No
10
175-10G
0-1437380-2
14
175-14G
0-1437380-3
16
175-16G
0-1437380-4
20
175-20G
0-1437380-5
26
175-26G
0-1437380-6
34
175-34G
0-1437380-7
40
175-40G
1-1437380-0
50
175-50G
1-1437380-2
60
175-60G
1-1437380-4
64
175-64G
1-1437380-5
High Flex Life 1.27mm Flat Cable
Ansley 185 Series
High flex life cable for applications involving motion or repetitive flexing cycles.
Wire size
28 AWG (19/40) stranded
Colour
Grey
Insulation
PVC
Temperature rating
105C
Voltage rating
300V rms
Impedance
100Ω
Capacitance
46pF/m
Inductance
0.51uH/m
Propagation delay
4.53nS/m
Insulation resistance
10^10Ω
Crosstalk - 3.05 mtr sample 1 line driven
Rise time
3.0nS
7.0nS
Near end
5.0%
3.2%
Far end
6.7%
2.7%
Flexing cycles (typical)
20 million
UL style no
2651
Reel Length 30 Metres
No of Ways
Part Ref
Part No
10
185-10
0-1437361-3
14
185-14
0-1437361-8
16
185-16
1-1437361-5
20
185-20
1-1437361-8
26
185-26
2-1437361-8
34
185-34
3-1437361-4
40
185-40
4-1437361-0
50
185-50
4-1437361-7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com