Electronic Components Datasheet Search
  English  ▼

X  

MP23701 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP23701
Description  24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP23701 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP23701 Datasheet HTML 1Page - Monolithic Power Systems MP23701 Datasheet HTML 2Page - Monolithic Power Systems MP23701 Datasheet HTML 3Page - Monolithic Power Systems MP23701 Datasheet HTML 4Page - Monolithic Power Systems MP23701 Datasheet HTML 5Page - Monolithic Power Systems MP23701 Datasheet HTML 6Page - Monolithic Power Systems MP23701 Datasheet HTML 7Page - Monolithic Power Systems MP23701 Datasheet HTML 8Page - Monolithic Power Systems MP23701 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP23701
24V, 2A, 1.5MHz, Synchronous,
Step-Down LED Driver
MP23701 Rev. 1.0
www.MonolithicPower.com
1
3/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
DESCRIPTION
The
MP23701
is
a
24V,
monolithic,
synchronous, step-down, white LED driver with
a built-in power MOSFET and rectifier. The
MP23701 can achieve up to 2A of continuous
output current with excellent load and line
regulation.
Peak-current
mode
operation
provides fast transient response and easy loop
stabilization.
The
MP23701
implements
deep
analog
dimming. Full protection features include cycle-
by-cycle peak-current limiting, output short-
circuit protection (SCP), open LED protection,
NTC thermal protection, and thermal shutdown.
The MP23701 requires a minimal number of
readily
available,
standard,
external
components and is available in a UTQFN-8
(1.5mmx2.5mm) package.
FEATURES
 4.2V to 24V Wide Input Range
 Synchronous Step-Down Converter
 100mΩ Internal High-Side Power MOSFET
 80mΩ Internal Low-Side Synchronous
Rectifier
 Peak-Current Mode Control
 Up to 2A Continuous Output Current
 100mV Feedback Voltage
 Up to 97% Efficiency
 Fixed 1.5MHz Switching Frequency
 Analog Dimming
 Cycle-by-Cycle Current Limit
 Inherent LED Open Protection
 Output Short-Circuit Protection (SCP)
 NTC Thermal Protection
 Thermal Shutdown
 Auto-Restart Function
 Available in a UTQFN-8 (1.5mmx2.5mm)
Packages
APPLICATIONS
 Infrared LED Drivers
 General LED Drivers
 Flashlights
 Handheld Computer Backlight
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VIN (V)
84
86
88
90
92
94
96
98
100
6 8 10 12 14 16 18 20 22 24 26


Similar Part No. - MP23701

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2370 MPS-MP2370 Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP2370DJ MPS-MP2370DJ Datasheet
491Kb / 8P
1.2A, 24V, 1.4MHz Step-Down White LED Driver in a TSOT23-6
MP2370DJ MPS-MP2370DJ Datasheet
147Kb / 4P
1.2A, 24V, 1.4MHz Step-Down White LED Driver Evaluation Board
More results

Similar Description - MP23701

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3217 E-CMOS-EC3217 Datasheet
710Kb / 16P
1.5MHz, 2A, Synchronous Step-Down Regulator Dropout
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2410 MPS-MP2410 Datasheet
511Kb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down LED Driver
MP2410A MPS-MP2410A Datasheet
1Mb / 17P
24V, 2A, 1MHz, Synchronous, Step-Down, LED Driver
logo
Feeling Technology Corp...
FP6163 FEELING-FP6163 Datasheet
667Kb / 19P
1.5MHz, 2A Synchronous Step-Down Regulator
FP6169 FEELING-FP6169 Datasheet
446Kb / 13P
1.5MHz, 2A Synchronous Step-Down Regulator
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com