Electronic Components Datasheet Search
  English  ▼

X  

MP23701 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP23701
Description  24V, 2A, 1.5MHz, Synchronous, Step-Down LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP23701 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP23701 Datasheet HTML 6Page - Monolithic Power Systems MP23701 Datasheet HTML 7Page - Monolithic Power Systems MP23701 Datasheet HTML 8Page - Monolithic Power Systems MP23701 Datasheet HTML 9Page - Monolithic Power Systems MP23701 Datasheet HTML 10Page - Monolithic Power Systems MP23701 Datasheet HTML 11Page - Monolithic Power Systems MP23701 Datasheet HTML 12Page - Monolithic Power Systems MP23701 Datasheet HTML 13Page - Monolithic Power Systems MP23701 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP23701 – 24V, 2A, 1.5MHZ, SYNCHRONOUS, STEP-DOWN, LED DRIVER
MP23701 Rev. 1.0
www.MonolithicPower.com
10
3/22/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP23701 is a high-frequency, synchronous,
rectified, step-down, switch-mode LED driver
with a built-in, internal power MOSFET and
synchronous rectifier switch. The MP23701
offers a very high-performance solution that
achieves up to 2A of continuous output LED
current with excellent load and line regulation
over a wide input supply range.
The MP23701 operates with a fixed 1.5MHz
frequency and uses peak-current control mode
to regulate the output current. A new switching
cycle is initiated by the internal clock at the
beginning of every switching cycle.
The integrated high-side power MOSFET (HS-
FET) is turned on, and the inductor current rises
linearly to provide energy to the load. The HS-
FET remains on until its current reaches the
value of the COMP level, which is the output of
the internal error amplifier. The output voltage
of the error amplifier depends on the difference
of the output feedback and the internal, high-
precision reference.
The HS-FET remains off until the next clock
cycle begins. After the HS-FET turns off, the
low-side sync switch (LS-FET) turns on, and the
inductor current flows through the LS-FET. To
prevent
shoot-through,
a
dead
time
is
implemented to prevent the HS-FET and LS-
FET from turning on at the same time.
If the duty cycle reaches 94% in one switching
period, the current in the HS-FET cannot reach
the COMP-set current value, and the HS-FET is
forced to turn off.
Under-Voltage Lockout (UVLO) and IC Start-
Up/Shutdown Procedure
Under-voltage lockout (UVLO) is implemented
to prevent the chip from operating at an
insufficient supply voltage. The MP23701 UVLO
comparator monitors the output voltage of the
internal regulator, which is supplied from VIN.
If both VIN and EN/DIM are higher than their
appropriate thresholds, the chip starts up. The
reference block starts first to generate a stable
reference voltage and current. The internal
regulator is then enabled. The regulator
provides a stable supply for the remaining
circuitries.
Three events can shut down the chip: EN/DIM
dropping low for longer than tOFF_DELAY, VIN
dropping below UVLO, and thermal shutdown.
During the shutdown procedure, the signaling
path is blocked first to prevent any fault
triggering. The COMP voltage (VCOMP) and the
internal supply rail are then pulled down.
Error Amplifier (EA)
The
internal,
low,
offset
error
amplifier
compares the FB voltage with the internal
100mV reference and outputs a VCOMP value in
the chip internally. This VCOMP value is used to
control the HS-FET peak current and regulate
the output current.
Internal Soft Start (SS)
Soft start (SS) is implemented to prevent the
converter output current from overshooting
during start-up. When the chip starts up, the
internal circuitry generates a soft-start voltage
that ramps up from 0V. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the 0.1V reference voltage. At this
point, the reference voltage takes over.
Floating Driver and Bootstrap Charging
The high-side, floating, power MOSFET driver
is powered by an external bootstrap capacitor.
The bootstrap capacitor voltage is regulated
internally. During normal operation, a 5.1V
bootstrap voltage is maintained between BST
and SW.
Enable and Dimming Control (EN/DIM)
EN/DIM is a control pin that turns the regulator
on and off and dims the output LED current
through a DC signal. Leave EN/DIM floating or
drive it high to turn on the MP23701. After
EN/DIM is pulled low for tOFF_DELAY (typically
22ms), the MP23701 is turned off. Figure 2
shows the control logic of EN/DIM.
Figure 2: EN/DIM Time Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com