Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA615ID Datasheet(HTML) 2 Page - Texas Instruments

  OPA615ID Datasheet HTML 1Page - Texas Instruments OPA615ID Datasheet HTML 2Page - Texas Instruments OPA615ID Datasheet HTML 3Page - Texas Instruments OPA615ID Datasheet HTML 4Page - Texas Instruments OPA615ID Datasheet HTML 5Page - Texas Instruments OPA615ID Datasheet HTML 6Page - Texas Instruments OPA615ID Datasheet HTML 7Page - Texas Instruments OPA615ID Datasheet HTML 8Page - Texas Instruments OPA615ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
OPA615
SBOS299E – FEBRUARY 2004 – REVISED SEPTEMBER 2009...................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE
DESIGNATOR
RANGE
MARKING
ORDERING NUMBER
QUANTITY
OPA615ID
Rails, 50
OPA615
SO-14
D
–40°C to +85°C
OPA615ID
OPA615IDR
Tape and Reel, 2500
OPA615IDGST
Tape and Reel, 250
OPA615
MSOP-10
DGS
–40°C to +85°C
BJT
OPA615IDGSR
Tape and Reel, 2500
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage
±6.5V
Differential Input Voltage
±VS
Common-Mode Input Voltage Range
±VS
Hold Control Pin Voltage
–VS to +VS
Storage Temperature Range
–65°C to +125°C
Junction Temperature (TJ)
+150°C
ESD Ratings:
Human Body Model (HBM)(2)
1000V
Charge Device Model (CDM)
1000V
Machine Model (MM)
150V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Pin 2 for the SO-14 package and pin 1 for the MSOP-10 package > 500V HBM.
2
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com