Electronic Components Datasheet Search
  English  ▼

X  

OPA615ID Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA615ID
Description  Wide-Bandwidth, DC Restoration Circuit
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA615ID Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA615ID Datasheet HTML 17Page - Texas Instruments OPA615ID Datasheet HTML 18Page - Texas Instruments OPA615ID Datasheet HTML 19Page - Texas Instruments OPA615ID Datasheet HTML 20Page - Texas Instruments OPA615ID Datasheet HTML 21Page - Texas Instruments OPA615ID Datasheet HTML 22Page - Texas Instruments OPA615ID Datasheet HTML 23Page - Texas Instruments OPA615ID Datasheet HTML 24Page - Texas Instruments OPA615ID Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
V
OUT
V
IN1
OPA694
SOTA
7
10
11
4
V
HOLD1
27pF
402
Ω
50
Ω
100
Ω
100
Ω
300
Ω
300
Ω
402
Ω
402
Ω
402
Ω
O T A
12
2
3
V
IN2
SOTA
7
10
11
4
V
HOLD2
27pF
50
Ω
100
Ω
100
Ω
300
Ω
300
Ω
O T A
12
2
3
OPA615
www.ti.com...................................................................................................................................... SBOS299E – FEBRUARY 2004 – REVISED SEPTEMBER 2009
CORRELATED DOUBLE SAMPLER
The signal coming from the CCD is applied to the two
sample-and-hold
amplifiers,
with
their
outputs
Noise is the limiting factor for the resolution in a CCD
connected to the difference amplifier. The timing
system, where the kT/C noise is dominant (see
diagram clarifies the operation (see Figure 52). At
Figure 51). To reduce this noise, imaging systems
time t1, the sample and hold (S/H1) goes into the hold
use a circuit called a Correlated Double Sampler
mode, taking a sample of the reset level including the
(CDS). The name comes from the double sampling
noise. This voltage (VRESET) is applied to the
technique of the CCD charge signal. A CDS using
noninverting input of the difference amplifier. At time
two
OPA615s
and
one
OPA694
is
shown
in
t2, the sample-and-hold (S/H2) will take a sample of
Figure 50. The first sample (S1) is taken at the end of
the video level, which is VRESET – VVIDEO. The output
the reset period. When the reset switch opens again,
voltage of the difference amplifier is defined by the
the effective noise bandwidth changes because of the
equation VOUT = VIN+ – VIN–. The sample of the reset
large
difference
in
the
switch
RON and ROFF
voltage contains the kT/C noise, which is eliminated
resistance. This difference causes the dominating
by the subtraction of the difference amplifier.
kT/C noise essentially to freeze in its last point.
The double sampling technique also reduces the
The other sample (S2) is taken during the video
white noise. The white noise is part of the reset
portion of the signal. Ideally, the two samples differ
voltage (VRESET) as well as of the video amplitude
only by a voltage corresponding to the transferred
(VRESET – VVIDEO). With the assumption that the noise
charge signal. This is the video level minus the noise
of the noise of the second sample was unchanged
(
ΔV).
from the instant of the first sample, the noise
amplitudes are the same and are correlated in time.
The CDS function will eliminate the kT/C noise as
Therefore, the noise can be reduced by the CDS
well as much of the 1/f and white noise.
function.
Figure 52 is a block diagram of a CDS circuit. Two
sample-and-hold
amplifiers
and
one
difference
amplifier constitute the correlated double sampler.
Figure 50. Correlated Double Sampler
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): OPA615



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com