Electronic Components Datasheet Search
  English  ▼

X  

OPA188 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA188
Description  OPA4188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA188 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA188 Datasheet HTML 17Page - Texas Instruments OPA188 Datasheet HTML 18Page - Texas Instruments OPA188 Datasheet HTML 19Page - Texas Instruments OPA188 Datasheet HTML 20Page - Texas Instruments OPA188 Datasheet HTML 21Page - Texas Instruments OPA188 Datasheet HTML 22Page - Texas Instruments OPA188 Datasheet HTML 23Page - Texas Instruments OPA188 Datasheet HTML 24Page - Texas Instruments OPA188 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
.
5
7
G
R
R
Gain
0 2x
R
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
4
1
C
3
4
2
5
R
Gain
R
1
f
1 R R C C
2
S
21
OPA4188
www.ti.com
SBOS641D – JUNE 2012 – REVISED SEPTEMBER 2016
Product Folder Links: OPA4188
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Applications (continued)
This circuit produces a signal inversion. For this circuit, use Equation 2 to calculate the gain at DC and the low-
pass cutoff frequency.
(2)
Software tools are readily available to simplify filter design. WEBENCH® Filter Designer is a simple, powerful,
and easy-to-use active filter design program. The WEBENCH Filter Designer lets you create optimized filter
designs using a selection of TI operational amplifiers and passive components from TI's vendor partners.
Available as a web based tool from the WEBENCH® Design Center, WEBENCH® Filter Designer allows you to
design, optimize, and simulate complete multi-stage active filter solutions within minutes.
9.2.1.3 Application Curve
Figure 45. Gain (dB) vs Frequency (Hz)
9.2.2 Discrete INA + Attenuation for ADC With a 3.3-V Supply
Figure 46 illustrates a circuit with high input impedance that can accommodate ±2 V differential input signals. The
output, VOUT, is scaled into the full scale input range of a 3.3 V analog to digital converter. Input common mode
voltages as high as ±10 V can be present with no signal clipping. Input stage gain is determined by resistors R5,
RG and R7 according to Equation 3 .
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com