Electronic Components Datasheet Search
  English  ▼

X  

OPA188 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA188
Description  OPA4188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA188 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA188 Datasheet HTML 8Page - Texas Instruments OPA188 Datasheet HTML 9Page - Texas Instruments OPA188 Datasheet HTML 10Page - Texas Instruments OPA188 Datasheet HTML 11Page - Texas Instruments OPA188 Datasheet HTML 12Page - Texas Instruments OPA188 Datasheet HTML 13Page - Texas Instruments OPA188 Datasheet HTML 14Page - Texas Instruments OPA188 Datasheet HTML 15Page - Texas Instruments OPA188 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
0.5
0.48
0.46
0.44
0.42
0.4
0.38
0.36
0.34
0.32
0.3
0
4
8
12
16
36
SupplyVoltage(V)
32
28
24
20
SpecifiedSupply-VoltageRange
0.1
0.01
0.001
0.0001
0.00001
0.01
0.1
1
10
20
OutputAmplitude(V
)
RMS
-60
80
100
120
140
-
-
-
-
BW=80kHz
G=+1,R =10kW
L
G= 1,R =10k
-
W
L
100
10
1
0.1
10
100
1k
10k
100k
Frequency(Hz)
1
0.01
0.001
0.0001
0.00001
10
100
1k
10k
20k
Frequency(Hz)
V
=1V
BW=80kHz
OUT
RMS
G=+1,R =10kW
L
G= 1,R =10k
-
W
L
-80
-100
-120
-140
150
1
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1
-
-
-
-
-
-55
-35
-15
5
25
125
Temperature ( C)
°
45
105
85
65
5 Typical Units Shown
V
= 2 V to 18 V
SUPPLY
±
±
Time(1s/div)
Peak-to-PeakNoise=250nV
12
OPA4188
SBOS641D – JUNE 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: OPA4188
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 13. PSRR vs Temperature
Figure 14. 0.1-Hz to 10-Hz Noise
Figure 15. Input Voltage Noise Spectral Density vs
Frequency
Figure 16. THD+N Ratio vs Frequency
Figure 17. THD+N vs Output Amplitude
Figure 18. Quiescent Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com