Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DBR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM2704DBR.B
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DBR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM2704DBR.B Datasheet HTML 18Page - Texas Instruments PCM2704DBR.B Datasheet HTML 19Page - Texas Instruments PCM2704DBR.B Datasheet HTML 20Page - Texas Instruments PCM2704DBR.B Datasheet HTML 21Page - Texas Instruments PCM2704DBR.B Datasheet HTML 22Page - Texas Instruments PCM2704DBR.B Datasheet HTML 23Page - Texas Instruments PCM2704DBR.B Datasheet HTML 24Page - Texas Instruments PCM2704DBR.B Datasheet HTML 25Page - Texas Instruments PCM2704DBR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
DT
CK
t(BUF)
t(D-SU)
t(D-HD)
Start
t(LOW)
t(S-HD)
t(CK-F)
t(CK-R)
t(HI)
Repeated Start
t(RS-SU)
t(RS-HD)
t(DT-F)
t(DT-R)
t(P-SU)
Stop
T0050-02
PCM2704
,, PCM2705
PCM2706, PCM2707
SLES081F – JUNE 2003 – REVISED JANUARY 2009....................................................................................................................................................... www.ti.com
SYMBOL
PARAMETER
MIN
MAX
UNIT
f(CK)
CK clock frequency
100
kHz
t(BUF)
Bus free time between a STOP and a START condition
4.7
µs
t(LOW)
Low period of the CK clock
4.7
µs
t(HI)
High period of the CK clock
4
µs
t(RS-SU)
Setup time for START/repeated START condition
4.7
µs
t(S-HD)
Hold time for START/repeated START condition
4
µs
t(RS-HD)
t(D-SU)
Data setup time
250
ns
t(D-HD)
Data hold time
0
900
ns
t(CK-R)
Rise time of CK signal
20 + 0.1 CB 1000
ns
t(CK-F)
Fall time of CK signal
20 + 0.1 CB 1000
ns
t(DT-R)
Rise time of DT signal
20 + 0.1 CB 1000
ns
t(DT-F)
Fall time of DT signal
20 + 0.1 CB 1000
ns
t(P-SU)
Setup time for STOP condition
4
µs
CB
Capacitive load for DT and CK lines
400
pF
VNH
Noise margin at HIGH level for each connected device (including hysteresis)
0.2 VDD
V
Figure 26. External ROM Read Interface Timing Requirements
22
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com