Electronic Components Datasheet Search
  English  ▼

X  

PCM2704DBR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM2704DBR.B
Description  STEREO AUDIO DAC WITH USB INTERFACE, SINGLE-ENDED HEADPHONE OUTPUT AND S/PDIF OUTPUT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2704DBR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM2704DBR.B Datasheet HTML 25Page - Texas Instruments PCM2704DBR.B Datasheet HTML 26Page - Texas Instruments PCM2704DBR.B Datasheet HTML 27Page - Texas Instruments PCM2704DBR.B Datasheet HTML 28Page - Texas Instruments PCM2704DBR.B Datasheet HTML 29Page - Texas Instruments PCM2704DBR.B Datasheet HTML 30Page - Texas Instruments PCM2704DBR.B Datasheet HTML 31Page - Texas Instruments PCM2704DBR.B Datasheet HTML 32Page - Texas Instruments PCM2704DBR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
Typical Circuit Connection 2 (Example of Remote Headphone)
VOLUME+
ExternalROM
(3)
(Optional)
SDA
VBUS
D+
GND
SCL
USB ’B’
Connector
D–
C8
R1
SUSPEND
R7
R8
Headphone
31
30
29
28
27
32
26
PGND
VCCP
(3)
HOST
(2)
FUNC3
FUNC0
HID0/MS
HID1/MC
HID2/MD
PCM2706PJT
25
23
22
21
20
19
24
18
17
10
11
12
13
14
91
5
16
2
3
4
5
6
1
7
8
VBUS
D+
D–
VDD
DGND
FUNC1
FUNC2
DOUT
C5
+
C6
C3
C4
X1
C1
C2
R11
+
C9
+
C10
R9
R10
C11
R5
C12
R6
C7
R2
R3
R4
PLAY/PAUSE
NEXT TRACK
MUTE
VOLUME–
PREVIOUSTRACK
STOP
PCM2704
,, PCM2705
PCM2706, PCM2707
www.ti.com....................................................................................................................................................... SLES081F – JUNE 2003 – REVISED JANUARY 2009
Figure 33 illustrates a typical circuit connection for a bus-powered, 100-mA headphone with seven HIDs.
NOTE: X1: 12-MHz crystal resonator. C1, C2: 10-pF to 33-pF capacitors (depending on load capacitance of crystal resonator). C3-C5, C7, C8:
1-
µF ceramic capacitors. C
6: 10-µF electrolytic capacitor. C9, C10: 100-µF electrolytic capacitors (depending on required frequency response).
C11, C12: 0.022-µF ceramic capacitors. R1: 1 MΩ resistor. R2, R11: 1.5 kΩ resistors. R3, R4: 22 Ω resistors. R5, R6: 16 Ω resistors. R7-R10: 3.3
k
Ω resistors.
(1) Output impedance of VOUTL and VOUTR during suspend mode or lack of power supply is 26 kΩ ±20%, which is the discharge path for C9
and C10.
(2) Descriptor programming through external ROM is only available when PSEL and HOST are high.
(3) External ROM power can be supplied from VCCP, but any other active component must not use VCCP, VCCL, VCCR, or VDD as a power
source.
Figure 33. Bus-Powered Application
NOTE:
The circuit illustrated in Figure 33 is for information only. The entire board design
should be considered to meet the USB specification as a USB-compliant product.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM2704 PCM2705 PCM2706 PCM2707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com