Electronic Components Datasheet Search
  English  ▼

X  

PM8800A Datasheet(PDF) 6 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PM8800A Datasheet HTML 2Page - STMicroelectronics PM8800A Datasheet HTML 3Page - STMicroelectronics PM8800A Datasheet HTML 4Page - STMicroelectronics PM8800A Datasheet HTML 5Page - STMicroelectronics PM8800A Datasheet HTML 6Page - STMicroelectronics PM8800A Datasheet HTML 7Page - STMicroelectronics PM8800A Datasheet HTML 8Page - STMicroelectronics PM8800A Datasheet HTML 9Page - STMicroelectronics PM8800A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Device description and operation
PM8800
6/10
3
Device description and operation
The PM8800 is a monolithic device embedding an IEEE 802.3af compliant PD interface
together with a current mode pulse width modulator to be used in all Power over Ethernet
Powered Devices.
In addition to the standard .3af features, PM8800 anticipates some features of the
forthcoming .3at standard, specifically targeting appliances or systems requiring higher
power with respect to the 12.95W allowed by standard PSE.
The PD interface integrates the 24.5k
Ω signature resistor used in detection and disabled
during the rest of operating modes. Classification is done through an external resistor
detached when classification is over, in order to save power.
The PM8800 integrates standard compliant UVLO thresholds to determine normal operating
mode (UVLO rising) or recognize disconnection (UVLO falling).
A graphical representation of the voltage thresholds and hysteresis during all the operating
phases is depicted in the following figure:
Figure 4.
State diagram of the PM800 interface depending on the input voltage
Note:
For input voltages in the range 1.5 to 11.5V, PM8800 exposes a 24.5k
Ω resistance. After
detection is over, the internal resistor is disabled and the external classification resistor is
presented. When classification is over, the external resistor is disconnected and the
PM8800 wait for the input voltage to overpass the UVLO voltage.
The hot-swap MOSFET is specifically designed to have a low RDSON to contain the con-
duction losses and sustain up to 800mA. A constant dissipated power method is used to
limit the current in the in-rush phase. The integrated in-rush current limit controls in a safe
manner the current flowing through the MOSFET, shortening the duration of the hot-swap
event itself. Designers have the possibility to further limit the current in the in-rush by acting
on the proper programming resistor.
Designers have the possibility to set the limit of the current through the interface during nor-
mal operation. For non standard application, this limit exceeds the 350mA foreseen by the
802.3af and can reach up to 800mA.
1.5V
Classification
Detection
Powered
11.5V
10.3V
38.5V
31V
Input voltage
Wait for turn-on
23V
21V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com