Electronic Components Datasheet Search
  English  ▼

X  

PM8800A Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM8800A
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800A Datasheet(HTML) 4 Page - STMicroelectronics

  PM8800A Datasheet HTML 1Page - STMicroelectronics PM8800A Datasheet HTML 2Page - STMicroelectronics PM8800A Datasheet HTML 3Page - STMicroelectronics PM8800A Datasheet HTML 4Page - STMicroelectronics PM8800A Datasheet HTML 5Page - STMicroelectronics PM8800A Datasheet HTML 6Page - STMicroelectronics PM8800A Datasheet HTML 7Page - STMicroelectronics PM8800A Datasheet HTML 8Page - STMicroelectronics PM8800A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Pins description and connection diagrams
PM8800
4/10
2
Pins description and connection diagrams
Figure 3.
Pins connection (top view)
2.1
Pin descriptions
VIN
RCLASS
HTSSOP-16
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AGND
VFB
COMP
CS
nPGD
VCC
GD
GND
RT
SS
AUXII
DCCL
AUXI_IRL
VSS
Table 1.
Pin description
Pin n
Name
Function
1
RT/SYNC
Oscillator timing resistor pin and synchronization input.
An external resistor connected from RT to AGND sets the oscillator fre-
quency. This pin will also accept narrow ac-coupled synchronization
pulses from an external clock.
2SS
Soft-start input.
An external capacitor and an internal 10uA current source set the soft-
start ramp rate.
3AUXII
Auxiliary source enable pin
Use this pin to power up the DC/DC section only from the external
source. The auxiliary source can prevail over the PoE source depend-
ing on the value of the resistor between this pin and the external
source.
4VIN
System high potential input.
The diode "OR" of PoE line and auxiliary sources connected to the PD,
it is the most positive input potential.
5
RCLASS
Classification resistor pin.
Connect a classification programming resistor between this pin and
VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com