Electronic Components Datasheet Search
  English  ▼

X  

3124 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3124
Description  DE-15 (DB-15) Female Socket to Terminal Block Breakout
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3124 Datasheet(HTML) 1 Page - Adafruit Industries

  3124 Datasheet HTML 1Page - Adafruit Industries 3124 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
DE-15 (DB-15) Female Socket to Terminal
Block Breakout PRODUCT ID: 3124 
 
Description 
Make your own custom DE‐15 cable or DE‐15 interface with ease, using this DE‐15 Socket to Terminal 
Block Breakout. You get a nice solid PCB with an DE‐15 socket and two strips of terminal blocks that 
you can use with stranded or solid core wire to quickly assemble your own wiring jigs. 
Perfect for when you need a non‐standard wiring setup or interfacing to a device with a VGA interface 
(that's what these connectors were used for the most). 


Similar Part No. - 3124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3124 ETC2-3124 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3124 ETC2-3124 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
KR Electronics, Inc.
3124 KR-3124 Datasheet
70Kb / 3P
105 MHz Bandpass Filter
logo
List of Unclassifed Man...
3124 ETC2-3124 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3124 HEYCO-3124 Datasheet
117Kb / 1P
Pry Out Plugs
More results

Similar Description - 3124

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
SHG HAMMOND-SHG Datasheet
80Kb / 2P
Generateur de chaleur de 15-150 W
logo
Pasternack Enterprises,...
PE7395-15 PASTERNACK-PE7395-15 Datasheet
206Kb / 3P
15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008_15 Datasheet
707Kb / 6P
Attenuation: 1.0 dB steps to 15 dB
logo
Pasternack Enterprises,...
PE7005-15 PASTERNACK-PE7005-15_16 Datasheet
240Kb / 3P
15 dB Fixed Attenuator, SMA Male to SMA Female Passivated
logo
PHOENIX CONTACT
1770597 PHOENIX-1770597 Datasheet
126Kb / 7P
PCB terminal block - PLH 16/ 8-15
1869198 PHOENIX-1869198 Datasheet
78Kb / 6P
PCB terminal block - SMKDSN 1,5/15
1986615 PHOENIX-1986615 Datasheet
41Kb / 2P
PCB terminal block - FFKDSA1/V-2,54-15
1742059 PHOENIX-1742059 Datasheet
132Kb / 10P
PCB terminal block - MKDS 1,5/15
09/12/2020
1769236 PHOENIX-1769236 Datasheet
256Kb / 9P
SMKDS 3/15 - PCB terminal block
1989188 PHOENIX-1989188 Datasheet
250Kb / 9P
ZFKDSA 1,5C-5,0-15 - PCB terminal block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com