Electronic Components Datasheet Search
  English  ▼

X  

3124 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3124
Description  DE-15 (DB-15) Female Socket to Terminal Block Breakout
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3124 Datasheet(HTML) 2 Page - Adafruit Industries

  3124 Datasheet HTML 1Page - Adafruit Industries 3124 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sometimes DE‐15 connectors are referred to as DB‐15. Technically that's the wrong name, but its so 
ingrained that most people only know the connector as DB‐15. 
Comes with one fully assembled breakout and a clip‐on housing. 
Technical Details
Product Dimensions: 66.6mm x 33.4mm x 20.8mm / 2.6" x 1.3" x 0.8"  
Product Weight: 30.4g / 1.1oz  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
                                               https://www.adafruit.com/product/3124 7‐26‐17 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com