Electronic Components Datasheet Search
  English  ▼

X  

3239 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 3239
Description  802.3af PoE Output Data & Power Splitter - 5/9/12V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3239 Datasheet(HTML) 1 Page - Adafruit Industries

  3239 Datasheet HTML 1Page - Adafruit Industries 3239 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
802.3af PoE Output Data & Power Splitter - 5/9/12V
PRODUCT ID: 3239
Description
Power over Ethernet (PoE) splitters can make your project wiring a breeze - and best of all they
work to connect any 802.3af-capable router to any Ethernet device,
even if it doesn't natively
support PoE! The splitter takes a unified PoE signal (data and power) from one cable, and then
separates the data (Ethernet) and power (+12VDC regulated) into two different lines for non-PoE
devices.
M
Multi-Voltage (5V, 9V or 12V)
PoE Output Splitter
compatible with IEEE 802.3af, and supply power and data for non-PoE network equipment.
FFeatures:
IEEE 802.3af compliant
Supports 10/100M data transmission
switch, etc.
Supplies 1 Amp regulated DC power on a DC barrel jack - suitable for small projects.
DIP switch for 5V, 9V, and 12V adjustable output power


Similar Part No. - 3239

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3239 ASM-SENSOR-3239 Datasheet
3Mb / 8P
DIGITAL HiTESTER
logo
Pomona Electronics
3239 POMONA-3239 Datasheet
29Kb / 1P
Size B, Isolated BNC Female Each End With Cover
logo
List of Unclassifed Man...
3239 ETC2-3239 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Heyco.
3239 HEYCO-3239 Datasheet
212Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Peregrine Semiconductor...
3239-00 PEREGRINE-3239-00 Datasheet
214Kb / 12P
2.2 GHz Integer-N PLL for Low Phase Noise Applications
More results

Similar Description - 3239

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2376-H TI-TPS2376-H Datasheet
590Kb / 22P
IEEE 802.3af PoE HIGH POWER PD CONTROLLER
logo
Level One
POS-1001 LVL1-POS-1001 Datasheet
559Kb / 3P
5-12V DC Gigabit PoE Splitter
POS-1002 LVL1-POS-1002 Datasheet
707Kb / 3P
5-12V DC PoE Splitter
POS-3000 LVL1-POS-3000 Datasheet
632Kb / 3P
5-12V DC Gigabit PoE-Plus Splitter
POS-4000 LVL1-POS-4000 Datasheet
1Mb / 3P
High Power PoE Splitter 12V
POS-4001 LVL1-POS-4001 Datasheet
473Kb / 2P
Outdoor High Power PoE Splitter (12V)
logo
Red Lion Controls. Inc
100_POE_SPL REDLION-100_POE_SPL Datasheet
357Kb / 2P
PoE Splitter
logo
Level One
FCS-0051 LVL1-FCS-0051_18 Datasheet
469Kb / 4P
Fixed IP Network Camera, 5-Megapixel, 802.3af PoE
FCS-1158 LVL1-FCS-1158 Datasheet
249Kb / 4P
Varifocal IP Network Camera, 5-Megapixel, H.265, 802.3af PoE
logo
Coolgear Inc.
CG-POEIJ12V COOLGEAR-CG-POEIJ12V Datasheet
367Kb / 1P
Gigabit IEEE 802.3af/at PoE Injector (12v)
5/03/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com