Electronic Components Datasheet Search
  English  ▼

X  

3239 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 3239
Description  802.3af PoE Output Data & Power Splitter - 5/9/12V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

3239 Datasheet(HTML) 2 Page - Adafruit Industries

  3239 Datasheet HTML 1Page - Adafruit Industries 3239 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Comes with a variety of DC plugs with positive-tip output: 5.5mm/2.5mm, 5.5mm/2.1mm,
4.8mm/1.8mm, 3.4mm/1.3mm
For use only with true 802.3af routers! If you don't have a PoE injector / hub / router, check out our
passive PoE cable kit
Technical Details
Power OUT cable length: 280mm / 11"
Data OUT cable length: 263mm / 10.5"
Product Dimensions: 80.0mm x 55.0mm x 30.0mm / 3.1" x 2.2" x 1.2"
Product Weight: 66.7g / 2.4oz
Engineered in NYC Adafruit ®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com