Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 24 Page - Texas Instruments

Part # THS6002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 20Page - Texas Instruments THS6002 Datasheet HTML 21Page - Texas Instruments THS6002 Datasheet HTML 22Page - Texas Instruments THS6002 Datasheet HTML 23Page - Texas Instruments THS6002 Datasheet HTML 24Page - Texas Instruments THS6002 Datasheet HTML 25Page - Texas Instruments THS6002 Datasheet HTML 26Page - Texas Instruments THS6002 Datasheet HTML 27Page - Texas Instruments THS6002 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
f
=
-
3dB
1
2 R1C1
p
VI
VO
C1
+
−
RG
RF
R1
V
V
O
I
=(1+)
[
]
R
R
F
G
1
(1+sR1C1)
VI
C2
R2
R1
C1
RF
RG
_
+
f
=
-
3dB
1
2 RC
p
R1=R1=R
C1=C2=C
Q=PeakingFactor
(ButterworthQ=0.707)
R =
G
R
F
(2
)
-
1
Q
THS6032
SLOS233F – APRIL 1999 – REVISED AUGUST 2009....................................................................................................................................................... www.ti.com
GENERAL CONFIGURATIONS
A common error for the first-time CFB user is to create a unity-gain buffer amplifier by shorting the output directly
to the inverting input. A CFB amplifier in this configuration oscillates, so this is not recommended. The THS6032,
like all CFB amplifiers, must have a feedback resistor for stable operation. Additionally, placing capacitors directly
from the output to the inverting input is not recommended. This is because, at high frequencies, a capacitor has
a very low impedance. This results in an unstable amplifier, and should not be considered when using a
current-feedback amplifier. Because of this, simple low-pass filters, which are easily implemented on a VFB
amplifier, have to be designed slightly differently. If filtering is required, simply place an RC-filter at the
noninverting terminal of the operational-amplifier (see Figure 52).
Figure 52. Single-Pole Low-Pass Filter
If a multiple pole filter is required, the use of a Sallen-Key filter can work very well with CFB amplifiers. This is
because the filtering elements are not in the negative feedback loop and stability is not compromised. Because of
their high slew-rates and high bandwidths, CFB amplifiers can create very accurate signals and help minimize
distortion. One implementation of the Sallen-Key filter is shown in Figure 53. For more information on Sallen-Key
filters, refer to the Analysis of the Sallen-Key Architecture (SLOA024A).
Figure 53. 2-Pole Low-Pass Sallen-Key Filter
Another good use for the THS6032 amplifier is as a video distribution amplifier. One characteristic of distribution
amplifiers is the fact that the differential phase (DP) and the differential gain (DG) are compromised as the
number of lines increases and the closed-loop gain increases. Be sure to use termination resistors throughout
the distribution system to minimize reflections and capacitive loading.
24
Submit Documentation Feedback
Copyright © 1999–2009, Texas Instruments Incorporated
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com