Electronic Components Datasheet Search
  English  ▼

X  

THS6002 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS6002
Description  LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS6002 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS6002 Datasheet HTML 7Page - Texas Instruments THS6002 Datasheet HTML 8Page - Texas Instruments THS6002 Datasheet HTML 9Page - Texas Instruments THS6002 Datasheet HTML 10Page - Texas Instruments THS6002 Datasheet HTML 11Page - Texas Instruments THS6002 Datasheet HTML 12Page - Texas Instruments THS6002 Datasheet HTML 13Page - Texas Instruments THS6002 Datasheet HTML 14Page - Texas Instruments THS6002 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
−40
−20
0
20
40
60
80
100
ICC(L)
TA − Free-AirTemperature − °C
ICC(H)
VCC(H) = ± 15V
VCC(L) = ± 5V
VSD =2.5V
PerAmplifier
2.25
2.50
2.75
3.00
2.00
1.50
1.75
50
52
54
56
48
44
46
100
1000
.01
0.1
1
10
f − Frequency − Hz
1M
10M
100M
100k
500M
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+2
RF = 1kΩ
Shut-down
Mode
Not
Shut-down
0
800
600
200
0
t − Time − m s
0
4
8
12
16
400
10
5
0
−200
20
Gain=+2
RF = 1.1kΩ
RL = 25 Ω
2
6
10
14
18
−90
−80
−70
−60
−50
−40
−30
−20
−10
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+2
RL = 25 Ω
RF =1.1kΩ
VI =0.2VRMS
1M
10M
100M
100k
500M
Reverse
Isolation
Forward
Isolation
−90
−80
−70
−60
−50
−40
−30
−20
−10
f − Frequency − Hz
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain= −1
RL = 25 Ω
RF =1.1kΩ
VI =0.2VRMS
1M
10M
100M
100k
500M
Reverse
Isolation
Forward
Isolation
−0.6
−0.4
−0.2
−0.0
0.2
0.4
0.6
0
50
100
150
200
t − Time − ns
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+2
RL = 25 Ω
RF =1.1kΩ
−3
−2
−1
0
1
2
3
0
50
100
150
200
t − Time − ns
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+5
RL = 25 Ω
RF =1.1kΩ
2
0
−4
−6
t − Time − ns
0
75
50
25
100 125
175
150
200 225
−2
8
6
4
−8
250
VCC(H) = ± 15V
VCC(L) = ± 5V
Gain=+5
RF = 1.1kΩ
RL = 25 Ω
TR/TF =6ns
THS6032
www.ti.com....................................................................................................................................................... SLOS233F – APRIL 1999 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
CLOSED LOOP OUTPUT IMPEDANCE
STANDBY SUPPLY CURRENT
vs FREQUENCY
vs FREE-AIR TEMPERATURE
Figure 28.
Figure 29.
SHUTDOWN ISOLATION
SHUTDOWN ISOLATION
vs FREQUENCY
vs FREQUENCY
SHUTDOWN RESPONSE
Figure 30.
Figure 31.
Figure 32.
1-V STEP RESPONSE
5-V STEP RESPONSE
10-V PULSE RESPONSE
Figure 33.
Figure 34.
Figure 35.
Copyright © 1999–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS6032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com