Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 3 Page - Texas Instruments

Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 3 Page - Texas Instruments

  TLC320AC02IPM Datasheet HTML 1Page - Texas Instruments TLC320AC02IPM Datasheet HTML 2Page - Texas Instruments TLC320AC02IPM Datasheet HTML 3Page - Texas Instruments TLC320AC02IPM Datasheet HTML 4Page - Texas Instruments TLC320AC02IPM Datasheet HTML 5Page - Texas Instruments TLC320AC02IPM Datasheet HTML 6Page - Texas Instruments TLC320AC02IPM Datasheet HTML 7Page - Texas Instruments TLC320AC02IPM Datasheet HTML 8Page - Texas Instruments TLC320AC02IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 93 page
background image
iv
2.15 Device Functions
2–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.1 Phase Adjustment
2–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.2 Analog Loopback
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.3 16-Bit Mode
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.4 Free-Run Mode
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.5 Force Secondary Communication
2–14
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.6 Enable Analog Input Summing
2–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.15.7 DAC Channel (sin x)/x Error Correction
2–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.16 Serial Communications
2–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.16.1 Stand-Alone and Master-Mode Word Sequence and Information Content
During Primary and Secondary Communications
2–15
. . . . . . . . . . . . . . . . . . . .
2.16.2 Slave and Codec-Mode Word Sequence and Information Content During
Primary and Secondary Communications
2–16
. . . . . . . . . . . . . . . . . . . . . . . . . .
2.17 Request for Secondary Serial Communication and Phase Shift
2–17
. . . . . . . . . . . . .
2.17.1 Initiating a Request
2–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.17.2 Normal Combinations of Control
2–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.17.3 Additional Control Options
2–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.18 Primary Serial Communications
2–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.18.1 Primary Serial Communications Data Format
2–19
. . . . . . . . . . . . . . . . . . . . . . .
2.18.2 Data Format From DOUT During Primary Serial Communications
2–19
. . . . .
2.19 Secondary Serial Communications
2–19
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.19.1 Data Format to DIN During Secondary Serial Communications
2–19
. . . . . . . .
2.19.2 Control Data-Bit Function in Secondary Serial Communication
2–19
. . . . . . . .
2.20 Internal Register Format
2–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.1 Pseudo-Register 0 (No-Op Address)
2–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.2 Register 1 (A Register)
2–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.3 Register 2 (B Register)
2–21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.4 Register 3 (A
′ Register)
2–21
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.5 Register 4 (Amplifier Gain-Select Register)
2–22
. . . . . . . . . . . . . . . . . . . . . . . . .
2.20.6 Register 5 (Analog Configuration Register)
2–22
. . . . . . . . . . . . . . . . . . . . . . . . .
2.20.7 Register 6 (Digital Configuration Register)
2–23
. . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.8 Register 7 (Frame-Sync Delay Register)
2–23
. . . . . . . . . . . . . . . . . . . . . . . . . . .
2.20.9 Register 8 (Frame-Sync Number Register)
2–24
. . . . . . . . . . . . . . . . . . . . . . . . .
3
Specifications
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Absolute Maximum Ratings Over Operating Free-Air Temperature Range
3–1
. . . . .
3.2
Recommended Operating Conditions
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
Electrical Characteristics Over Recommended Range of Operating Free-Air
Temperature, MCLK = 5.184 MHz, VDD = 5 V, Outputs Unloaded,
Total Device
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
Electrical Characteristics Over Recommended Range of Operating Free-Air
Temperature, VDD = 5 V, Digital I/O Terminals (DIN, DOUT, EOC,
FC0, FC1, FS, FSD, MCLK, M/S, SCLK)
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
Electrical Characteristics Over Recommended Range of Operating Free-Air
Temperature, VDD = 5 V, ADC and DAC Channels
3–2
. . . . . . . . . . . . . . . . . . . . . . . . .
3.5.1 ADC Channel Filter Transfer Function, FCLK = 144 kHz, fs = 8 kHz
3–2
. . . .
3.5.2 ADC Channel Input, VDD = 5 V, Input Amplifier Gain = 0 dB
3–3
. . . . . . . . . . .
3.5.3 ADC Channel Signal-to-Distortion Ratio, VDD = 5 V, fs = 8 kHz
3–3
. . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com