Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 49 Page - Texas Instruments

Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 49 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments TLC320AC02IPM Datasheet HTML 48Page - Texas Instruments TLC320AC02IPM Datasheet HTML 49Page - Texas Instruments TLC320AC02IPM Datasheet HTML 50Page - Texas Instruments TLC320AC02IPM Datasheet HTML 51Page - Texas Instruments TLC320AC02IPM Datasheet HTML 52Page - Texas Instruments TLC320AC02IPM Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 93 page
background image
4–2
D15
D14
D13
D12
D11
D2
D1
D0
tf(SCLK)
0.8 V
SCLK
FS†
tr(SCLK)
td(CH-FH)
td(CH-FL)
0.8 V
2 V
2 V
td(CH-DOUT)
D15
D14
D13
D12
D11
D2
D1
D0
tsu(DIN)
th(DIN)
DOUT‡
DIN
2 V
2 V
† The time between falling edges of two primary FS signals is the conversion period.
‡ The data on DOUT are shifted out on the rising edge of the shift clock, and the data on DIN are shifted in on the falling
edge of the shift clock.
Figure 4 – 2. AIC Stand-Alone and Master-Mode Timing
D15
D14
D13
D12
D11
D2
D1
D0
2 V
2 V
tf(SCLK)
0.8 V
SCLK
FS†
tr(SCLK)
tc(SCLK)
§
2 V
2 V
td(CH-DOUT)
D15
D14
D13
D12
D11
D2
D1
D0
tsu(DIN)
th(DIN)
DOUT‡
DIN
† The time between falling edges of two primary FS signals is the conversion period.
‡ The data on DOUT are shifted out on the rising edge of the shift clock, and the data on DIN are shifted in on the falling
edge of the shift clock.
§ The high-to-low transition of FS must must occur within
±1/4 of a shift-clock period around the 2-V level of the shift clock
for the codec mode.
Figure 4 – 3. AIC Slave and Codec Emulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com