Electronic Components Datasheet Search
  English  ▼

X  

TPS22918DBVT Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS22918DBVT
Description  TPS22918 5.5-V, 2-A, 52-mΩ On-Resistance Load Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22918DBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS22918DBVT Datasheet HTML 17Page - Texas Instruments TPS22918DBVT Datasheet HTML 18Page - Texas Instruments TPS22918DBVT Datasheet HTML 19Page - Texas Instruments TPS22918DBVT Datasheet HTML 20Page - Texas Instruments TPS22918DBVT Datasheet HTML 21Page - Texas Instruments TPS22918DBVT Datasheet HTML 22Page - Texas Instruments TPS22918DBVT Datasheet HTML 23Page - Texas Instruments TPS22918DBVT Datasheet HTML 24Page - Texas Instruments TPS22918DBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
J(MAX)
A
D(MAX)
JA
T
T
P
-
=
q
1
VOUT
2
QOD
3
CT 4
ON
5
GND
6
VIN
VIA to Power Ground Plane
21
TPS22918
www.ti.com
SLVSD76C – FEBRUARY 2016 – REVISED JULY 2017
Product Folder Links: TPS22918
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
11.2 Layout Example
Figure 32. Recommended Board Layout
11.3 Thermal Considerations
For best performance, all traces must be as short as possible. To be most effective, the input and output
capacitors must be placed close to the device to minimize the effects that parasitic trace inductances may have
on normal and short-circuit operation. Using wide traces for VIN, VOUT, and GND helps minimize the parasitic
electrical effects along with minimizing the case to ambient thermal impedance.
The maximum IC junction temperature should be restricted to 125°C under normal operating conditions. To
calculate the maximum allowable dissipation, PD(max) for a given output current and ambient temperature, use
Equation 14:
where
•
PD(MAX) = maximum allowable power dissipation
•
TJ(MAX) = maximum allowable junction temperature (125°C for the TPS22918)
•
TA = ambient temperature of the device
•
θJA = junction to air thermal impedance. Refer to the Thermal Information table. This parameter is highly
dependent upon board layout.
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com