| Electronic Components Datasheet Search |
|
TPS22918DBVT Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS22918DBVT Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 30 page ![]() 13 TPS22918 www.ti.com SLVSD76C – FEBRUARY 2016 – REVISED JULY 2017 Product Folder Links: TPS22918 Submit Documentation Feedback Copyright © 2016–2017, Texas Instruments Incorporated (1) TYPICAL VALUES WITH QOD SHORTED TO VOUT 8.3 Feature Description 8.3.1 On and Off Control The ON pin controls the state of the switch. ON is active high and has a low threshold, making it capable of interfacing with low-voltage signals. The ON pin is compatible with standard GPIO logic threshold. It can be used with any microcontroller with 1 V or higher GPIO voltage. This pin cannot be left floating and must be driven either high or low for proper functionality. 8.3.2 Quick Output Discharge (QOD) The TPS22918 includes a QOD feature. The QOD pin can be configured in one of three ways: • QOD pin shorted to VOUT pin. Using this method, the discharge rate after the switch becomes disabled is controlled with the value of the internal resistance RPD. The value of this resistance is listed in the Electrical Characteristics table. • QOD pin connected to VOUT pin using an external resistor REXT. After the switch becomes disabled, the discharge rate is controlled by the value of the total resistance of the QOD. To adjust the total QOD resistance, Equation 1 can be used: RQOD = RPD + REXT Where: • RQOD = Total output discharge resistance • RPD = Internal pulldown resistance • REXT = External resistance placed between the VOUT and QOD pin. (1) • QOD pin is unused and left floating. Using this method, there will be no quick output discharge functionality, and the output will remain floating after the switch is disabled. The fall times of the device depend on many factors including the total resistance of the QOD, VIN, and the output capacitance. When QOD is shorted to VOUT, the fall time will change over VIN as the internal RPD varies over VIN. To calculate the approximate fall time of VOUT for a given RQOD, use Equation 2 and Table 1. VCAP = VIN × e -t/τ Where: • VCAP = Voltage across the capacitor (V) • t = Time since power supply removal (s) • τ = Time constant equal to RQOD × CL (2) The fall times' dependency on VIN becomes minimal as the QOD value increases with additional external resistance. See Table 1 for QOD fall times. Table 1. QOD Fall Times VIN (V) (1)FALL TIME (μs) 90% - 10%, C IN = 1 μF, IOUT = 0 A , VON = 0 V TA = 25°C TA = 85°C CL = 1 μF CL = 10 μF CL = 100 μF CL = 1 μF CL = 10 μF CL = 100 μF 5.5 42 190 1880 40 210 2150 5 43 200 1905 45 220 2200 3.3 47 230 2150 50 260 2515 2.5 58 300 2790 60 345 3290 1.8 75 430 4165 80 490 4950 1.2 135 955 9910 135 1035 10980 1 230 1830 19625 210 1800 19270 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |