Electronic Components Datasheet Search
  English  ▼

X  

TPS22981RGPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS22981RGPR
Description  TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
V3P3
V3P3
V3P3OUT
S0
ENHVU
15
14
13
12
11
15
14
13
12
11
ENHVU
S0
V3P3OUT
V3P3
V3P3
TPS22981
www.ti.com
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
RGP Package
RGP Package
VQFN With Exposed Thermal Pad
VQFN With Exposed Thermal Pad
Top View
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
EN
5
I
Device active-high enable.
Enable VHV UVLO control of device enable. When asserted high, both V3P3 and VHV must be
ENHVU
16
I
present for device enable. When low, only V3P3 must be present for device enable.
Fault condition output. This pin is an open-drain pulldown indicating a fault condition. Place a pullup
FAULTZ
4
O
resistance (RFAULTZ) between this pin and V3P3. Float pin or tie pin to GND if unused.
1, 2, 3,
GND
P
Device ground. All GND pins must be connected to board ground.
13, 15
GND
EP
P
Exposed pad must be connected to device GND.
HV_EN
11
I
Active-high voltage output enable.
Sets the current limit for VHV in S0 mode. Place resistor between this pin and GND. See Equation 1 to
ISET_S0
10
I
calculate resistor value.
Sets the current limit for VHV in S3 mode. Place resistor between this pin and GND. See Equation 1 to
ISET_S3
9
I
calculate resistor value.
ISET_V3P
Sets the current limit for V3P3. Place resistor between this pin and GND. See Equation 1 to calculate
8
I
3
resistor value.
OUT
12, 14
O
Power output. Place a minimum of 1-µF capacitor to GND as close to this pin as possible.
S0
17
I
When this pin is asserted, the device is put in S0 mode. Otherwise the device operates in S3 mode.
3.3-V power supply input. Place a minimum of 0.1-µF capacitor to GND as close to this pin as
V3P3
19, 20
P
possible.
3.3-V bypass output. When ENHVU is low, this path is enabled by EN and the V3P3 UVLO. When
V3P3OUT
18
O
ENHVU is high, this path is enabled by EN and both the V3P3 UVLO and the VHV UVLO. Place a
minimum 0.1-uF capacitor to GND as close to this pin as possible.
VHV
6, 7
P
High voltage power supply input. See the Input Inductive Bounce section for more information.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS22981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com