Electronic Components Datasheet Search
  English  ▼

X  

TPS22981RGPR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS22981RGPR
Description  TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS22981RGPR Datasheet(HTML) 1 Page - Texas Instruments

  TPS22981RGPR Datasheet HTML 1Page - Texas Instruments TPS22981RGPR Datasheet HTML 2Page - Texas Instruments TPS22981RGPR Datasheet HTML 3Page - Texas Instruments TPS22981RGPR Datasheet HTML 4Page - Texas Instruments TPS22981RGPR Datasheet HTML 5Page - Texas Instruments TPS22981RGPR Datasheet HTML 6Page - Texas Instruments TPS22981RGPR Datasheet HTML 7Page - Texas Instruments TPS22981RGPR Datasheet HTML 8Page - Texas Instruments TPS22981RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
connector
ENHVU
S0
V3P3OUT
V3P3
V3P3
Exposed Pad
ISET_S0
ISET_S3
ISET_V3P3
VHV
VHV
DC/DC
DC/DC
µC
R
SET_S0
R
SET_S3
R
SET_V3P3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS22981
SLVSBM6B – DECEMBER 2012 – REVISED NOVEMBER 2015
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
1 Features
3 Description
The TPS22981 device is a current-limited power mux
1
•
Powered from 3.3 V
providing a connection to a peripheral device from
•
4.5-V to 19.8-V High-Voltage Switch
either a low-voltage supply (3 V to 3.6 V) or a high-
•
3-V to 3.6-V Switch
voltage supply (4.5 V to 19.8 V). The desired output
is selected by digital control signals.
•
Adjustable Current Limit
•
Thermal Shutdown
The high-voltage (VHV) and low-voltage (V3P3)
switch current limits are set with external resistance.
•
Make Before Break Switch
Once the current limit is reached, the TPS22981 will
•
High-Voltage Discharge Before Low-Voltage Make
control the switch to maintain the current at this limit.
•
Reverse Current Blocking
When the high-voltage supply is not present, the
TPS22981 will maintain the connection to the output
2 Applications
from the low-voltage supply. Upon the presence of a
•
Notebook Computers
high-voltage line and high-voltage enable signal, the
high-voltage switch is turned on in conjunction with
•
Desktop Computers
the low-voltage switch until a reverse current is
•
Power Management Systems
detected through the low-voltage switch, allowing a
seamless transition from low voltage to the high-
Typical Application
voltage supply with minimal droop and shoot-through
current.
To prevent current backflow during a switch over from
a VHV connection to a V3P3 connection, the
TPS22981 will break the VHV connection, discharge
the output to approximately 3.3 V and then make the
V3P3 connection. The output may transition to 0 V
when a load is present, before returning to 3.3 V.
The TPS22981 is available in a 4 mm × 4 mm × 1
mm VQFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS22981
VQFN (20)
4.00 mm × 4.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS22981RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981RGPR TI-TPS22981RGPR Datasheet
432Kb / 19P
3.3V to 18V Thunderbolt Power Mux
TPS22981RGPR TI1-TPS22981RGPR Datasheet
1Mb / 27P
Thunderbolt Power Mux
TPS22981RGPR TI2-TPS22981RGPR Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPR.A TI2-TPS22981RGPR.A Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPR.B TI2-TPS22981RGPR.B Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
More results

Similar Description - TPS22981RGPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
3.3V to 18V Thunderbolt Power Mux
logo
Analog Devices
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
ON Semiconductor
NB3L8543S ONSEMI-NB3L8543S Datasheet
234Kb / 12P
2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
October, 2014 ??Rev. 1
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
logo
Texas Instruments
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
Thunderbolt Power Mux
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
-3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
TPS2120 TI1-TPS2120 Datasheet
1Mb / 29P
2.8 V to 22 V Priority Power MUX with Seamless Switchover
TPS2120 TI1-TPS2120_18 Datasheet
2Mb / 40P
2.8-V to 22-V Priority Power MUX with Seamless Switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com