Electronic Components Datasheet Search
  English  ▼

X  

MIC5308 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5308
Description  Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5308 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5308 Datasheet HTML 1Page - Micrel Semiconductor MIC5308 Datasheet HTML 2Page - Micrel Semiconductor MIC5308 Datasheet HTML 3Page - Micrel Semiconductor MIC5308 Datasheet HTML 4Page - Micrel Semiconductor MIC5308 Datasheet HTML 5Page - Micrel Semiconductor MIC5308 Datasheet HTML 6Page - Micrel Semiconductor MIC5308 Datasheet HTML 7Page - Micrel Semiconductor MIC5308 Datasheet HTML 8Page - Micrel Semiconductor MIC5308 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5308
November 2007
3
M9999-110807-B
Absolute Maximum Ratings(1)
Supply Voltage (VIN)............................................ 0V to VBIAS
Bias Supply Voltage (VBIAS).................................. 0V to +6V
Enable Voltage (VEN)........................................... 0V to VBIAS
Power Dissipation, ................................ Internally Limited
(3)
Lead Temperature (soldering, 10µsec.)..................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 3kV
Operating Ratings(2)
Supply Voltage (VIN)........................................+1.6V to VBIAS
Bias Supply Voltage (VBIAS).......................... +2.5V to +5.5V
Enable Input Voltage (VEN)...................................0V to VBIAS
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
1.6x1.6 MLF-6 (
θJA) ...........................................90°C/W
TSOT-23-6 (
θJA)...............................................235°C/W
Electrical Characteristics
VBIAS = 3.6V; VIN = VOUT + 1V; VIN ≤ VBIAS; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C,
unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–
2.0
+2.0
%
Reference Voltage
ADJ pin voltage
0.7595
0.775
0.7905
V
VBIAS Line Regulation
VBIAS = 3.6 to 5.5V, VIN = VOUT + 1V
0.01
0.3
%/V
VIN Line Regulation
VIN = VOUT + 1V, VBIAS = 5.5V
0.02
0.2
%/V
Load Regulation
IOUT = 100µA to 150mA
0.2
1
%
Dropout Voltage
IOUT = 150mA
45
150
mV
Ground Pin Current
(5)
IOUT = 100µA to 150mA
23
35
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.01
2.0
µA
f = up to 1kHz; COUT = 1.0µF; no CBYP
70
dB
f = up to 1kHz;COUT = 1.0µF; CBYP = 10nF
50
90
dB
VIN Ripple Rejection
f = 20kHz; COUT = 1.0µF; CBYP = 10nF
80
dB
Current Limit
f = up to 1kHz;COUT = 1.0µF; CBYP = 10nF
180
325
mA
Output Voltage Noise
f = 20kHz; COUT = 1.0µF; CBYP = 10nF
28
µVRMS
Enable Inputs (EN)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.17
1
µA
Enable Input Current
VIH ≥ 1.2V
1.5
1
µA
Turn-on Time
COUT = 1.0µF; CBYP = 10nF
150
500
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. IGND = IIN + IBIAS – IOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com