Electronic Components Datasheet Search
  English  ▼

X  

MIC5308 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5308
Description  Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5308 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5308 Datasheet HTML 1Page - Micrel Semiconductor MIC5308 Datasheet HTML 2Page - Micrel Semiconductor MIC5308 Datasheet HTML 3Page - Micrel Semiconductor MIC5308 Datasheet HTML 4Page - Micrel Semiconductor MIC5308 Datasheet HTML 5Page - Micrel Semiconductor MIC5308 Datasheet HTML 6Page - Micrel Semiconductor MIC5308 Datasheet HTML 7Page - Micrel Semiconductor MIC5308 Datasheet HTML 8Page - Micrel Semiconductor MIC5308 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5308
November 2007
4
M9999-110807-B
Typical Characteristics
0
-20
-40
-60
-80
-100
-120
Power Supply
Rejection Ratio (VIN)
10
100K 1M
FREQUENCY (Hz)
100
1K
10K
VIN = VOUT + 1V
VOUT = 1.2V
COUT = 1µF
CBYP = 0.01µF
100µA
100mA
50mA
100µA (no byp)
150mA
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
Power Supply
Rejection Ratio (VBIAS)
10
100K 1M
FREQUENCY (Hz)
100
1K
10K
VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
100µA
150mA
50mA
0
1
2
3
4
6
7
8
9
10
Ground Current (VIN)
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = 2.2V
VBIAS = 3.6V
VOUT = 1.2V
COUT = 1µF
100µA
150mA
5
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Current (VIN)
vs. Output Current
VIN = 2.2V
VBIAS = 3.6V
VOUT = 1.2V
COUT = 1µF
0
2
4
6
8
10
12
14
16
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Current (VBIAS)
vs. Output Current
VIN = 2.2V
VBIAS = 3.6V
COUT = 1µF
CBYP = 1µF
10
12
14
16
18
20
22
24
26
28
30
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Current (Total)
vs. Output Current
VIN = 2.2V
VBIAS = 3.6V
COUT = 1µF
CBYP = 1µF
0
1
2
3
4
5
6
7
8
9
10
1.5 2 2.5 3 3.5 4 4.5 5 5.5
VIN (V)
Ground Current (VIN)
vs. VIN
VBIAS = 5.5V
VOUT = 1.8V
COUT = 1µF
100µA
150mA
0
5
10
15
20
25
30
35
40
01
2
3
4
5
ENABLE VOLTAGE (V)
Bias Current
vs. Enable Voltage
VBIAS = 5.5V
VOUT = 1.8V
COUT = 1µF
100µA
150mA
0
10
20
30
40
50
60
70
80
Dropout Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
150mA
COUT = 1µF
0
5
10
15
20
25
30
35
40
45
50
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
COUT = 1µF
1.10
1.15
1.20
1.25
1.30
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = 2.2V
VBIAS = 3.6V
VOUT = 1.2V
COUT = 1µF
IOUT = 100µA
1.10
1.15
1.20
1.25
1.30
Output Voltage
vs. Output Current
50
100
OUTPUT CURRENT (mA)
VIN = 2.2V
VBIAS = 3.6V
VOUT = 1.2V
COUT = 1µF
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com