Electronic Components Datasheet Search
  English  ▼

X  

TPS72115DBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS72115DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72115DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS72115DBVT Datasheet HTML 1Page - Texas Instruments TPS72115DBVT Datasheet HTML 2Page - Texas Instruments TPS72115DBVT Datasheet HTML 3Page - Texas Instruments TPS72115DBVT Datasheet HTML 4Page - Texas Instruments TPS72115DBVT Datasheet HTML 5Page - Texas Instruments TPS72115DBVT Datasheet HTML 6Page - Texas Instruments TPS72115DBVT Datasheet HTML 7Page - Texas Instruments TPS72115DBVT Datasheet HTML 8Page - Texas Instruments TPS72115DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATING
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TJ
VOLTAGE
PACKAGE
PART NUMBER
SYMBOL
Adjustable
TPS72101DBVT(1)
TPS72101DBVR(2)
PEKI
1.5 V
TPS72115DBVT(1)
TPS72115DBVR(2)
PEII
SOT-23
-40°C to 125°C
(DBV)
1.6 V
TPS72116DBVT(1)
TPS72116DBVR(2)
PHFI
1.8 V
TPS72118DBVT(1)
TPS72118DBVR(2)
PEJI
(1)
The DBVT indicates tape and reel of 250 parts.
(2)
The DBVR indicates tape and reel of 3000 parts.
over operating free-air temperature range unless otherwise noted(1)(2)
TPS72101, TPS72115,
TPS72116, TPS72118
Voltage range at IN
-0.3 V to 7 V
Voltage range at EN
-0.3 V to 7 V
Voltage on OUT, FB, NC
-0.3 V to VI + 0.3 V
Peak output current
Internally limited
ESD rating, HBM
3 kV
Continuous total power dissipation
See Dissipation Rating Table
Operating junction temperature range, TJ
-40°C to 150°C
Storage temperature range, Tstg
-65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.All voltage
values are with respect to network ground terminal.
(2)
All voltage values are with respect to network ground terminal.
DERATING FACTOR
TA ≤ 25°C
TA = 70°C
TA = 85°C
BOARD
PACKAGE
RΘJC
RΘJA
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
Low-K(1)
DBV
65.8 °C/W
259 °C/W
3.9 mW/°C
386 mW
212 mW
154 mW
High-K(2)
DBV
65.8 °C/W
180 °C/W
5.6 mW/°C
555 mW
305 mW
222 mW
(1)
The JEDEC Low-K (1s) board design used to derive this data was a 3 inch x 3 inch, two-layer board with 2 ounce copper traces on top
of the board.
(2)
The JEDEC High-K (2s2p) board design used to derive this data was a 3 inch x 3 inch, multilayer board with 1 ounce internal power and
ground planes and 2 ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com