Electronic Components Datasheet Search
  English  ▼

X  

TPS72115DBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS72115DBVT
Description  LOW INPUT VOLTAGE, CAP FREE 150-mA LOW-DROPOUT LINEAR REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS72115DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS72115DBVT Datasheet HTML 1Page - Texas Instruments TPS72115DBVT Datasheet HTML 2Page - Texas Instruments TPS72115DBVT Datasheet HTML 3Page - Texas Instruments TPS72115DBVT Datasheet HTML 4Page - Texas Instruments TPS72115DBVT Datasheet HTML 5Page - Texas Instruments TPS72115DBVT Datasheet HTML 6Page - Texas Instruments TPS72115DBVT Datasheet HTML 7Page - Texas Instruments TPS72115DBVT Datasheet HTML 8Page - Texas Instruments TPS72115DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
TPS72101
OUT
IN
FB
GND
EN
Current Limit /
Thermal
Protection
VREF
1.225V
TPS72115/16/18
OUT
IN
GND
EN
Current Limit /
Thermal
Protection
NC(A)
VREF
1.225V
TPS72101
,, TPS72115
TPS72116, TPS72118
SLVS352C – DECEMBER 2001 – REVISED MARCH 2006
Figure 1. FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
A.
This pin must be left floating and not connected to GND.
Figure 2. FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
GND
2
Ground
EN
3
Enable input
IN
1
Input supply voltage
NC/FB
4
NC = Not connected (see (A)); FB = Feedback (adjustable option TPS72101)
OUT
5
Regulated output voltage
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com