| Electronic Components Datasheet Search |
|
640468 Datasheet(PDF) 22 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 22 Page - TE Connectivity Ltd |
|
22 / 84 page ![]() 22 Material and Finish Housing — UL94V-0 rated, polyester, white Posts — Copper alloy, tin plated, .000030 [0.00076] or .000015 [0.00038] gold over nickel Notes: 1. Post(s) can be omitted for keying purposes. Specify the desired post(s) to be omitted using the figure to identify Post No. 1. 2. Headers without retentive legs are suitable for breakaway application. 3. 2 or 3 retentive leg(s) per header, depending upon number of positions. 4. Gold headers are duplex plated, gold on mating end of post and tin on the solder tail. 5. To determine header overall length (dim. A) multiply .100 x the number of posts minus (–) .012. Example: .100 x 10 posts – .012 = .988 inches [25.1 mm]. For mateability options, see matrix on pages 12 and 13. For mating half visuals, see pages 14, 15 and 31. Connector Ordering Information The “Base Part Numbers” Chart at right shows the base part number. Prefixes and suffixes are deter- mined by the number of post positions in the header. For example, the complete part number for a 10-position header with straight posts and without retentive legs would be: Base number 644456 plus prefix-and-suffix 4- — -0 The correct ordering number is 4-644456-0 All part numbers are the RoHS equivalent version. Example: No. of Lead Free Pos. RoHS Prefix/Suffix 2 3-644456-2 thru 28 5-644456-8 See page 15 for an explanation of RoHS lead free equivalents. Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Note: Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product manager for details. .044 [1.12] Typ. .100 [2.54] .100 [2.54] Typ. A .092 [2.34] .150 [3.81] .260 [6.6] .110 [2.79] Ref. .025 [0.64] Sq. Post No. 1 Straight Post (.025 [0.64] Square) Right-Angle Post (.025 [0.64] Square) Straight and Right-Angle Post with Retentive Legs .044 [1.12] Typ. .100 [2.54] Post No. 1 .100 [2.54] Typ. .295 [7.49] .505 [12.83] .110 [2.79] Ref. A .092 [2.34] .025 [0.64] Sq. Recommended Mounting Hole Pattern for .062 [1.57] Thk. PC Board Recommended Mounting Hole Pattern for .062 [1.57] Thk. PC Board .110 [2.79] Ref. .0335 [0.85] Base Part Numbers Straight Posts Right-Angle Posts Without With Without With Retentive Legs Retentive Legs Retentive Legs Retentive Legs Header RoHS Header RoHS Header RoHS Header RoHS Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Standard UL94V-0, Tin Plated 644456 32–58 644695 32–58 644457 32–58 644694 32–58 Standard UL94V-0, .000030 [0.00076] Gold Plated 644884 2–28 644886 2–28 644885 2–28 644887 2–28 Standard UL94V-0, .000015 [0.00038] Gold Plated 644888 2–28 644890 2–28 644889 2–28 644891 2–28 .100 [2.54] Typ. .050/.040 [1.27/1.02] Edge of Board .060 [1.52] Min. Dia. For Straight Leg Headers Dia. For Retentive Leg Headers .037 [0.94 ] ± .002 ± 0.05 .100 [2.54] Typ. Edge of Board .060 [1.52] Min. .050/.040 [1.27/1.02] Dia. For Straight Leg Headers Dia. For Retentive Leg Headers .037 [0.94 ] ± .002 ± 0.05 Note: Consult Product Drawing for details on placing headers onto PC boards. MTA-100 Narrow Flat Headers—Straight and Right-Angle MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 High temperature product available. Please contact Sales Engineer or Product Information Center. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |