| Electronic Components Datasheet Search |
|
640468 Datasheet(PDF) 30 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 Datasheet(HTML) 30 Page - TE Connectivity Ltd |
|
30 / 84 page ![]() 30 Straight Post (.025 [0.64] Square) Right-Angle (.025 [0.64] Square) Material and Finish Housing — UL94V-0 rated, polyester, black Posts — Copper alloy, tin plated; or .000030 [0.00076] gold over nickel Notes: 1. Post(s) can be omitted for keying purposes. Specify the desired post(s) to be omitted using the figure to identify Post No. 1. 2. Headers with .000015 [0.00038] gold plated post are available upon request. Minimums may apply. 3. Gold headers are duplex plated, gold on mating end of post and tin on the solder tail. For mateability options, see matrix on pages 12 and 13. For mating half visuals, see pages 14 and 15. Header Ordering Information The “Base Part Numbers” Chart at right shows the base part number. Prefixes and suffixes are deter- mined by the number of post positions in the header. For example, the complete part number for a 10-position header with straight posts and with pegs would be: Base number 644486 plus prefix-and-suffix 4- — -0 The correct ordering number is 4-644486-0 See page 15 for an explanation of RoHS lead free equivalents. Note: All RoHS equivalent part num- bers may not be available upon cat- alog release. If the number you need is not available, please contact Product Engineering to expedite your request. Notes: 1. Select load headers (omitted pin headers) are available upon request. Please contact product engineer or product manager for details. 2. MTA-100 shrouded headers do not mate with CST-100 II hous- ings. A .025 [0.64] Typ. .100 [2.54] .092 [2.34] Typ. Ref. Post No. 1 .313 [7.95] .410 [10.41] .140 [3.56] .176 [4.47] Ref. .107 [2.72] Ref. .125 [3.18] .200 [5.08] .440 [11.18] Recommended Mounting Hole Pattern for .062 [1.57] Thk. PC Board (Solder Side of Board Shown) Polarized Retention Peg .042 [1.07] .100 [2.54] Typ. .081/.075 [2.06/1.91] .124 [3.15] Edge of Board .125 [3.18] Min. .050/.040 [1.27/1.02] Dia. Dia. A .025 [0.64] Typ. .100 [2.54] .092 [2.34] Typ. Ref. Post No. 1 .313 [7.95] .410 [10.41] .176 [4.47] Ref. .130 [3.30] .200 [5.08] .050 [1.27] Max. .137 [3.48] Ref. .100 [2.54] Typ. Edge of Board .300 [7.62] Max. .050/.040 [1.27/1.02] Dia. Recommended Mounting Hole Pattern for .062 [1.57] Thk. PC Board (Solder Side of Board Shown) Header Length No. of Dim. Prefix/ Circuits A Suffix 2 .284 3- -2 7.21 3 .384 3- -3 9.75 4 .484 3- -4 12.29 5 .584 3- -5 14.83 6 .684 3- -6 17.37 7 .784 3- -7 19.91 8 .884 3- -8 22.45 9 .984 3- -9 24.99 No. of Dim. Prefix/ Circuits A Suffix 10 1.084 4- -0 27.53 11 1.184 4- -1 30.07 12 1.284 4- -2 32.61 13 1.384 4- -3 35.15 No. of Dim. Prefix/ Circuits A Suffix 14 1.484 4- -4 37.69 No. of Dim. Prefix/ Circuits A Suffix .206 [5.23] Ref. .130 [3.30] Ref. Rear Bend Front Bend Note: Consult Product Drawing for details on placing headers onto PC boards. Base Part Numbers Straight Posts Right-Angle Posts With Without Without Pegs Only Pegs Pegs Front Bend Rear Bend Header RoHS Header RoHS Header RoHS Header RoHS Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Part Nos. Equiv. Standard UL94V-0, Tin Plated 644486 22-34 644861 22-34 644488 22-34 644803 22-34 Standard UL94V-0, .000030 [0.00076] Gold Plated 644487 22-34 —— 644489 22-34 —— MTA-100 Shrouded Headers—Straight and Right-Angle MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |