Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7705 Datasheet HTML 10Page - Analog Devices AD7705 Datasheet HTML 11Page - Analog Devices AD7705 Datasheet HTML 12Page - Analog Devices AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices AD7705 Datasheet HTML 16Page - Analog Devices AD7705 Datasheet HTML 17Page - Analog Devices AD7705 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
AD7705/AD7706
Rev. C | Page 14 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
READING NUMBER
32763
0
100
32764
32765
32766
32767
32768
32769
32770
32771
200
300
400
500
600
700
800
900
1000
VDD = 5V
VREF = 2.5V
GAIN = +128
50Hz UPDATE RATE
TA = 25°C
RMS NOISE = 600nV
Figure 5. Noise @ Gain = +128 With 50 Hz Update Rate
FREQUENCY (MHz)
0.4
VDD = 3V
TA = 25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
BUFFERED MODE, GAIN = +128
UNBUFFERED MODE, GAIN = +1
UNBUFFERED MODE, GAIN = +128
BUFFERED MODE, GAIN = +1
Figure 6. IDD vs. MCLK IN Frequency @ 3 V
GAIN
1
1.0
0.8
0.6
0.4
0.2
0
0.1
0.3
0.5
0.7
0.9
2
4
8
16
32
64
128
BUFFERED MODE
fCLK = 5MHz,
CLKDIV = 1
UNBUFFERED MODE
fCLK = 1MHz,
CLKDIV = 0
VDD = 3V
EXTERNAL MCLK
CLKDIS = 1
TA = 25°C
BUFFERED MODE
fCLK = 2.4576MHz, CLKDIV = 0
UNBUFFERED MODE
fCLK = 5MHz, CLKDIV = 1
UNBUFFERED MODE
fCLK = 2.84MHz, CLKDIV = 0
BUFFERED MODE
fCLK = 1MHz, CLKDIV = 0
Figure 7. IDD vs. Gain and Clock Frequency @ 3 V
CODE
32764
400
0
32765
32766
32767
32768
32769
32770
300
200
100
Figure 8. Histogram of Data in Figure 5
FREQUENCY (MHz)
0.4
VDD = 5V
TA = +25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
BUFFERED MODE, GAIN = +128
UNBUFFERED MODE, GAIN = +1
UNBUFFERED MODE, GAIN = +128
BUFFERED MODE, GAIN = +1
Figure 9. IDD vs. MCLK IN Frequency @ 5 V
GAIN
1
VDD = 5V
EXTERNAL MCLK
CLKDIS = 1
TA = 25°C
1.2
0.8
0.6
0.4
0.2
0
1.0
2
4
8
16
32
64
128
BUFFERED MODE
fCLK = 5MHz,
CLKDIV = 1
BUFFERED MODE
fCLK = 1MHz, CLKDIV = 0
BUFFERED MODE
fCLK = 2.4576MHz, CLKDIV = 0
UNBUFFERED MODE
fCLK = 2.4576MHz, CLKDIV = 0
UNBUFFERED MODE
fCLK = 1MHz,
CLKDIV = 0
UNBUFFERED MODE
fCLK = 5MHz, CLKDIV = 1
Figure 10. IDD vs. Gain and Clock Frequency @ 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com