Electronic Components Datasheet Search
  English  ▼

X  

5767006-2 Datasheet(PDF) 17 Page - TE Connectivity Ltd

Part # 5767006-2
Description  Fine Pitch SMT Stacking Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5767006-2 Datasheet(HTML) 17 Page - TE Connectivity Ltd

Back Button 5767006-2 Datasheet HTML 13Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 14Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 15Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 16Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 17Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 18Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 19Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 20Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 21Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
56
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
MICTOR Vertical Receptacles
Related Product Data
Material and Finish — page 43
Performance Characteristics —
page 43
Mating Plugs — pages 46-55
Technical Documents — page 113
Recommended PC Board Layout
(Connector Side of Board Shown)
Note: For standard applications, orientation hole to be Ø 2.39±0.05 [.094±.002]; For slip-fit applications,
orientation hole to be Ø 2.00±0.03 [.079±.001].
4 Spaces at
2.54 [.100]
= 10.16 [.400]
R 0.13 [.005]
or
0.13 [.005] x 45
°
PC Board Holddown Required
In This Area For Connectors
of 190 Positions and Larger.
Size, Shape & Location at
Customer’s Discretion.
8.72
[.343]
Max.
0.18
[.007]
6.43
[.253]
2.26
[.089]
6.35
[.250]
0.64
[.025]
3.53
[.139]
Ground Bus
18 Spaces at
0.64 ± 0.20 [.025 ± .008]
= 11.43 ± 0.20 [.450 ± .008]
D Spaces at
12.70 ± 0.20
[.500 ± .008] = E
1.27
[.050]
Position No. 1 Indicator
Standard Ground
Bus Leads
Position No. 2
Position No. 1
Pad
C Ref.
5.99 ± 0.15
[.236 ± .006]
Orientation Hole
(See Note)
1.35 ± 0.15
[.053 ± .006]
0.43 ± 0.05
[.017 ± .002]
Housing
Contact
Ref.
Ø 1.94
[.077]
Ref.
C
± 0.20
[
± .008]
A
+ 0.08
– 0.00
+ .003
– .000
B
[]
5.38 ± 0.06
[.212 ± .002]
6.10 ± 0.25
[.240 ± .010]
6.91
[.272]
2.74
[.108]
2.26
[.089]
2.69
[.106]
2.74
[.108]
Ø 0.81 ± 0.05
[.032 ± .002]
Dia. Typ. For
Barbed Parts;
Ø 0.64 ± 0.05
[.025 ± .002]
Dia. Typ. For
Barbless Parts
F
± 0.15
[
± .006]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com