Electronic Components Datasheet Search
  English  ▼

X  

5767006-2 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 5767006-2
Description  Fine Pitch SMT Stacking Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5767006-2 Datasheet(HTML) 7 Page - TE Connectivity Ltd

Back Button 5767006-2 Datasheet HTML 3Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 4Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 5Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 6Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 7Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 8Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 9Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 10Page - TE Connectivity Ltd 5767006-2 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
46
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MICTOR Vertical Plugs
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
6.60 [.260]
Stacking Height*
Related Product Data
Material and Finish — page 43
Performance Characteristics —
page 43
Mating Receptacles — pages 56-61
Technical Documents — page 113
*6.60 [.260] stack height when
mated to vertical receptacle;
15.62 [.615] stack height when
mated to vertical receptacle
(extended height).
Recommended PC Board Layout
(Viewed from Connector Side)
Note: For standard applications,
the orientation hole must be
2.39±0.05 [.094±.002];
For slip-fit applications, the
orientation hole must be
2.00±0.03 [.079±.001].
8.72
[.343]
Max.
6.53 ± 0.28
[.257 ± .011]
Ground Bus
18 Spaces at
0.64 ± 0.20 [.025 ± .008]
= 11.43 ± 0.20 [.450 ± .008]
D Spaces at
12.70 ± 0.20
[.500 ± .008] = E
F
Position No. 1 Indicator
Standard Barbless
Ground Bus Leads
Ø 1.94
[.077]
6.38 ± 0.23
[.251 ± .009]
Contact
Housing
C
± 0.20
[
± .008]
A
± 0.20
[
± .008]
+ 0.00
– 0.05
+ .000
– .002
B
[]
5.28 ± 0.03
[.208 ± .001]
Ref.
4 Spaces at
2.54 [.100]
= 10.16 [.400]
R 0.13 [.005]
or
0.13 [.005] x 45
°
PC Board Holddown Required
In This Area For Connectors
of 190 Positions and Larger.
Size, Shape & Location at
Customer’s Discretion.
6.35
[.250]
0.64
[.025]
3.53
[.139]
1.27
[.050]
Orientation Hole
(See Note)
Position No. 1
Position No. 2
Pad
C Ref.
Ø 0.81 ± 0.05
[.032 ± .002]
Hole
0.43 ± 0.05
[.017 ± .002]
Part Numbers
Dimensions
Platings
Barbed G/B Leads
Barbless G/B Leads
No. of
Solder
T&R
T&R
Pos.
ABC
D
E
F
Tail
Contact
Tube
Vacuum Caps
Tube
Vacuum Caps
With
Without
With
Without
1.35 [.053]
Gold
5767007-8
5767111-8
5767111-1
5767116-1
5767118-1
5767118-8
38
25.40
22.81
11.43
0—
2.72 [.107]
Sn
PdNi
5767056-1
—
—
—
—
—
1.000
.898
.450
2.64 [.104]
—
—
—
5767117-1
5767119-1
5767119-8
1.35 [.053]
Gold
5767007-9
5767111-9
5767111-2
5767116-2
5767118-2
5767118-9
76
38.10
31.70
24.13
1
12.70
2.72 [.107]
Sn
PdNi
5767056-2
—
—
—
—
—
1.500
1.248
.950
.500
2.64 [.104]
—
—
—
5767117-2
5767119-2
5767119-9
1.35 [.053]
Gold
1-5767007-0
1-5767111-0
5767111-3
5767116-3
5767118-3
1-5767118-0
114
50.80
48.21
36.83
2
25.40
2.72 [.107]
Sn
PdNi
5767056-3
—
—
—
—
—
2.000
1.898
1.450
1.000
2.64 [.104]
—
—
—
5767117-3
5767119-3
1-5767119-0
1.35 [.053]
Gold
1-5767007-1
1-5767111-1
5767111-4
5767116-4
5767118-4
1-5767118-1
152
63.50
60.91
49.53
3
38.10
2.72 [.107]
Sn
PdNi
5767056-4
—
—
—
—
—
2.500
2.398
1.950
1.500
2.64 [.104]
—
—
—
5767117-4
5767119-4
1-5767119-1
1.35 [.053]
Gold
1-5767007-2
1-5767111-2
5767111-5
5767116-5
5767118-5
1-5767118-2
190
76.20
73.61
62.23
4
50.80
2.72 [.107]
Sn
PdNi
5767056-5
—
—
—
—
—
3.000
2.898
2.450
2.000
2.64 [.104]
—
—
—
5767117-5
5767119-5
1-5767119-2
1.35 [.053]
Gold
1-5767007-3
—
—
5767116-6
—
—
228
88.90
86.31
74.93
5
63.50
2.72 [.107]
Sn
PdNi
5767056-6
—
—
—
—
—
3.500
3.398
2.950
2.500
2.64 [.104]
—
—
—
5767117-6
—
—
1.35 [.053]
Gold
1-5767007-4
—
—
5767116-7
—
—
266
101.60
99.01
87.63
6
76.20
2.72 [.107]
Sn
PdNi
5767056-7
—
—
—
—
—
4.000
3.898
3.450
3.000
2.64 [.104]
—
—
—
5767117-7
—
—
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com