Electronic Components Datasheet Search
  English  ▼

X  

5767006-3 Datasheet(PDF) 23 Page - TE Connectivity Ltd

Part # 5767006-3
Description  Fine Pitch SMT Stacking Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5767006-3 Datasheet(HTML) 23 Page - TE Connectivity Ltd

Back Button 5767006-3 Datasheet HTML 15Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 16Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 17Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 18Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 19Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 20Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 21Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 22Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 23Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
62
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Application Tooling for MICTOR Right Angle Connectors
Two operations must be
performed so that the
MICTOR right angle con-
nector can be successfully
installed on a PC board.
First, the board must be
slit for the ground/bus bar.
At the customer’s option,
this operation may be
done at the time of board
manufacture. Second, the
right angle connector
must be properly placed on
the board.
Tyco Electronics offers
bench-mount tooling for
slitting the PC board (see
below) and a free-standing
tool for installing the
connector (shown at the
right). AMP Application
Specification No. 114-11004
and Instruction Sheets are
available to provide the
necessary instructions and
recommendations for
proper tool use.
Application Specification
No. 114-13008 for Right
Angle.
Replacement Components for Tool Number 767511-1
Connector
Board Locator Pin
Plug
Receptacle
Support
Size
Inserter
Inserter
Pillar
(No. of Positions)
Round
Diamond
38
767523-1
767526-1
767514-1
767570-1
767522-1
76
767523-1
767526-1
767514-2
767570-2
767522-1
114
767523-1
767526-1
767514-3
767570-3
767522-1
152
767523-1
767526-1
767514-4
767570-4
767522-1
190
767523-1
767526-1
767514-5
767570-5
767522-1
228
767523-1
767526-1
767514-6
767570-6
767522-1
266
767523-1
767526-1
767514-7
767570-7
767522-1
Replacement Components for Tool Number 767527-1
Component
Quantity Required for Each Increment of
Part Number
Description
38 Positions (0.64 [.025] Centerline)
Slitting Punch (Set of 35)
5
767532-1
Die Insert* (Set of 7)
1
767530-1
* The die insert is located in the tool with a 3.18 x 28.58 [.125 x 1.125] long dowel and held in place with a
6-32 UNC-2A x 7.94 [5/16] long socket head cap screw (not included with replacement insert).
Application Tool Number 767511-1
(Instruction Sheet No. 408-4335)
Slitting Tool Number 767527-1
(Instruction Sheet No. 408-4334)
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com