Electronic Components Datasheet Search
  English  ▼

X  

5767006-3 Datasheet(PDF) 11 Page - TE Connectivity Ltd

Part # 5767006-3
Description  Fine Pitch SMT Stacking Connectors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5767006-3 Datasheet(HTML) 11 Page - TE Connectivity Ltd

Back Button 5767006-3 Datasheet HTML 7Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 8Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 9Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 10Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 11Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 12Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 13Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 14Page - TE Connectivity Ltd 5767006-3 Datasheet HTML 15Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
50
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
MICTOR Vertical Plugs (Continued)
17.96 [.707]
Stacking Height*
Related Product Data
Material and Finish — page 43
Performance Characteristics —
page 43
Mating Receptacles — pages 56-61
Technical Documents — page 113
* 17.96 [.707] stack height when
mated to vertical receptacle;
26.97 [1.062] stack height when
mated to vertical receptacle
(extended height).
Recommended PC Board Layout
(Connector Side of Board Shown)
4 Spaces at
2.54 [.100]
= 10.16 [.400]
R 0.13 [.005]
or
0.13 [.005] x 45
°
PC Board Holddown Required
In This Area For Connectors
of 190 Positions and Larger.
Size, Shape & Location at
Customer’s Discretion.
6.35
[.250]
0.64
[.025]
3.53
[.139]
14.71
[.579]
Ref.
Ground Bus
18 Spaces at
0.64 ± 0.15 [.025 ± .006]
= 11.43 ± 0.15 [.450 ± .006]
D Spaces at
12.70 ± 0.15
[.500 ± .006] = E
1.27
[.050]
Position No. 1 Indicator
Standard Ground
Bus Leads
Position No. 1
Position No. 2
Pad
C Ref.
17.75 ± 0.28
[.699 ± .011]
2.39 ± 0.05
[.094 ± .002]
Orientation Hole
1.35
[.053]
1.32
[.052]
Ø 0.81 ± 0.05
[.032 ± .002]
Hole
0.43 ± 0.05
[.017 ± .002]
Contact
Extension
Housing
Plug
Housing
C
± 0.15
[
± .006]
A
± 0.20
[
± .008]
+ 0.00
– 0.05
+ .000
– .002
B
[]
5.28 ± 0.03
[.208 ± .001]
8.13
[.320]
Notes: 1. For dual application, the
orientation hole must be
1.98±0.03 [.078±.001].
See Application
Specification 114-11004
for details.
2. Connectors with extended
ground bus leads can be
made available, consult
Tyco Electronics.
No. of
Dimensions
Part Numbers
Pos.
ABCD
E
38
25.40
22.81
11.43
0
0.00
5767025-1
1.000
.898
.450
.000
76
38.10
35.51
24.13
1
12.70
5767025-2
1.500
1.398
.950
.500
114
50.80
48.21
36.83
2
25.40
5767025-3
2.000
1.898
1.450
1.000
152
63.50
60.91
49.53
3
38.10
5767025-4
2.500
2.398
1.950
1.500
190
76.20
73.61
62.23
4
50.80
5767025-5
3.000
2.898
2.450
2.000
228
88.90
86.31
74.93
5
63.50
5767025-6
3.500
3.398
2.950
2.500
266
101.60
99.00
87.63
6
76.20
5767025-7
4.000
3.898
3.450
3.000
Note: Part Numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com