Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC1035
Description  AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 17Page - Texas Instruments AMC1035 Datasheet HTML 18Page - Texas Instruments AMC1035 Datasheet HTML 19Page - Texas Instruments AMC1035 Datasheet HTML 20Page - Texas Instruments AMC1035 Datasheet HTML 21Page - Texas Instruments AMC1035 Datasheet HTML 22Page - Texas Instruments AMC1035 Datasheet HTML 23Page - Texas Instruments AMC1035 Datasheet HTML 24Page - Texas Instruments AMC1035 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
AMC1035-Q1
www.ti.com
SBAS941A – MAY 2019 – REVISED NOVEMBER 2019
Product Folder Links: AMC1035-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
Table 2 lists the parameters for this typical application.
Table 2. Design Requirements
PARAMETER
VALUE
Supply voltage
3.3 V
Voltage drop across the sensing resistor RDC1 for a linear response
1 V (maximum)
Voltage drop across the sensing resistors RACx for a linear response
±1 V (maximum)
Current through the sensing resistors RACx
±100 µV (maximum)
8.2.1.2 Detailed Design Procedure
Use Ohm's Law to calculate the minimum total resistance of the resistive dividers to limit the cross current to the
desired values:
•
For the voltage sensing on the DC bus: RDC1 + RDC2 + RDC3 = VBUS / IDC
•
For the voltage sensing on the output phases U, V, and W: RAC1 + RAC2 + RAC3 = VPHASE (max) / IAC
Consider the following two restrictions to choose the proper value of the resistors RDC3 and RAC3:
•
The voltage drop caused by the nominal voltage range of the system must not exceed the recommended
input voltage range of the AMC1035-Q1: VxC3 ≤ VFSR
•
The voltage drop caused by the maximum allowed system overvoltage must not exceed the input voltage that
causes a clipping output: VxC3 ≤ VClipping
Use similar approach for calculation of the shunt resistor values RSHUNT and see the AMC1305M25-Q1 data
sheet for further details.
Table 3 lists examples of nominal E96-series (1% accuracy) resistor values for systems using 600 V and 800 V
on the DC bus.
Table 3. Resistor Value Examples for DC Bus Sensing
PARAMETER
600-V DC BUS
800-V DC BUS
Resistive divider resistor RDC1
3.01 MΩ
4.22 MΩ
Resistive divider resistor RDC2
3.01 MΩ
4.22 MΩ
Sense resistor RDC3
10 kΩ
10.5 kΩ
Resulting current through resistive divider IDC
99.5 µA
94.7 µA
Resulting voltage drop on sense resistor VRDC3
0.995 V
0.994 V
Table 4 lists examples of nominal E96-series (1% accuracy) resistor values for systems using 400 V and 690 V
on the output phases.
Table 4. Resistor Value Examples for Output Phase Voltage Sensing
PARAMETER
±400-VAC PHASE
±690-VAC PHASE
Resistive divider resistor RAC1
2.0 MΩ
3.48 MΩ
Resistive divider resistor RAC2
2.0 MΩ
3.48 MΩ
Sense resistor RAC3
10.0 kΩ
10.0 kΩ
Resulting current through resistive divider IAC
99.8 µA
99.0 µA
Resulting voltage drop on sense resistor VRAC3
±0.998 V
±0.990 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com