Electronic Components Datasheet Search
  English  ▼

X  

AMC1035 Datasheet(PDF) 8 Page - Texas Instruments

Part # AMC1035
Description  AMC1035-Q1 Delta-Sigma Modulator With a Bipolar Input of ±1 V and Reference Output of 2.5 V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1035 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC1035 Datasheet HTML 4Page - Texas Instruments AMC1035 Datasheet HTML 5Page - Texas Instruments AMC1035 Datasheet HTML 6Page - Texas Instruments AMC1035 Datasheet HTML 7Page - Texas Instruments AMC1035 Datasheet HTML 8Page - Texas Instruments AMC1035 Datasheet HTML 9Page - Texas Instruments AMC1035 Datasheet HTML 10Page - Texas Instruments AMC1035 Datasheet HTML 11Page - Texas Instruments AMC1035 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
VDD (V)
3
3.5
4
4.5
5
5.5
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D004
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
D005
Device 1
Device 2
Device 3
VIN (mV)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-12
-9
-6
-3
0
3
6
9
12
D031
MCE = 0, fCLKIN = 20 MHz
MCE = 1, fCLKIN = 10 MHz
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
2
4
6
8
10
12
D003
VCM (V)
-0.65
-0.3
0.05
0.4
0.75
1.1
1.45
1.8
2.15
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
D001
fIN (kHz)
0.01
0.1
1
10
100
1000
-120
-100
-80
-60
-40
-20
0
D002
8
AMC1035-Q1
SBAS941A – MAY 2019 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: AMC1035-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.7 Typical Characteristics
at VDD = 3.3 V, AINP = –1 V to 1 V, AINN = GND, fCLKIN = 20 MHz, MCE = 0, and sinc
3 filter with OSR = 256 (unless
otherwise noted)
VDD = 5.5 V
Figure 3. Input Bias Current vs
Common-Mode Input Voltage
Figure 4. Common-Mode Rejection Ratio vs
Input Signal Frequency
Figure 5. Integral Nonlinearity vs Input Voltage
Figure 6. Integral Nonlinearity vs Temperature
Figure 7. Offset Error vs Supply Voltage
Figure 8. Offset Error vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com