Electronic Components Datasheet Search
  English  ▼

X  

BUF08821 Datasheet(PDF) 2 Page - Texas Instruments

Part # BUF08821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF08821 Datasheet(HTML) 2 Page - Texas Instruments

  BUF08821 Datasheet HTML 1Page - Texas Instruments BUF08821 Datasheet HTML 2Page - Texas Instruments BUF08821 Datasheet HTML 3Page - Texas Instruments BUF08821 Datasheet HTML 4Page - Texas Instruments BUF08821 Datasheet HTML 5Page - Texas Instruments BUF08821 Datasheet HTML 6Page - Texas Instruments BUF08821 Datasheet HTML 7Page - Texas Instruments BUF08821 Datasheet HTML 8Page - Texas Instruments BUF08821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
BUF08821
SBOS438D
– AUGUST 2008 – REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE
PACKAGE DESIGNATOR
PACKAGE MARKING
BUF08821A
HTSSOP-20
PWP
BUF08821
BUF08821B
HTSSOP-20
PWP
BUF8821B
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
BUF08821
UNIT
Supply Voltage, VS
+22
V
Supply Voltage, VSD
+6
V
Digital Input Terminals, SCL, SDA, AO, BKSEL: Voltage
–0.5 to +6
V
Digital Input Terminals, SCL, SDA, AO, BKSEL: Current
±10
mA
Output Pins, OUT1 Through OUT8, VCOM
(2)
(V
–) – 0.5 to (V+) + 0.5
V
Output Short-Circuit(3)
Continuous
Operating Temperature
–40 to +95
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+125
°C
Human Body Model (HBM)
4000
V
ESD Ratings
Charged-Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
See the Output Pins ESD Protection Current-Steering Diodes section.
(3)
Short-circuit to ground, one channel at a time.
2
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com