Electronic Components Datasheet Search
  English  ▼

X  

BUF08821 Datasheet(PDF) 6 Page - Texas Instruments

Part # BUF08821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BUF08821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BUF08821 Datasheet HTML 2Page - Texas Instruments BUF08821 Datasheet HTML 3Page - Texas Instruments BUF08821 Datasheet HTML 4Page - Texas Instruments BUF08821 Datasheet HTML 5Page - Texas Instruments BUF08821 Datasheet HTML 6Page - Texas Instruments BUF08821 Datasheet HTML 7Page - Texas Instruments BUF08821 Datasheet HTML 8Page - Texas Instruments BUF08821 Datasheet HTML 9Page - Texas Instruments BUF08821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
BKSEL
(2V/div)
DACChannel
(2V/div)
10 s/div
m
9V
5V
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
0
256
1024
512
768
InputCode
Time (2 s/div)
m
BUF08821
SBOS438D
– AUGUST 2008 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +18V, VSD = +2V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
INTEGRAL LINEARITY ERROR
BKSEL SWITCHING TIME DELAY
Figure 7.
Figure 8.
LARGE-SIGNAL STEP RESPONSE
Figure 9.
6
Copyright
© 2008–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com