Electronic Components Datasheet Search
  English  ▼

X  

CD74HC640 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC640
Description  CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC640 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC640 Datasheet HTML 1Page - Texas Instruments CD74HC640 Datasheet HTML 2Page - Texas Instruments CD74HC640 Datasheet HTML 3Page - Texas Instruments CD74HC640 Datasheet HTML 4Page - Texas Instruments CD74HC640 Datasheet HTML 5Page - Texas Instruments CD74HC640 Datasheet HTML 6Page - Texas Instruments CD74HC640 Datasheet HTML 7Page - Texas Instruments CD74HC640 Datasheet HTML 8Page - Texas Instruments CD74HC640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5.4 Electrical Characteristics
PARAMETER
TEST
CONDITIONS
(1)
VCC (V)
25°C
-40°C to 85°C
-55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
VIH
High-level input voltage
2
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
V
6
4.2
4.2
4.2
V
VIL
Low-level input voltage
2
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
V
6
1.8
1.8
1.8
V
VOH
High-level output voltage
CMOS loads
IOH = – 20 µA
2
1.9
1.9
1.9
V
IOH = – 20 µA
4.5
4.4
4.4
4.4
V
IOH = – 20 µA
6
5.9
5.9
5.9
V
High-level output voltage
TTL loads
IOH= – 6 mA
4.5
3.98
3.84
3.7
V
IOH = – 7.8 mA
6
5.48
5.34
5.2
V
VOL
Low-level output voltage
CMOS loads
IOL = 20 µA
2
0.1
0.1
0.1
V
IOL = 20 µA
4.5
0.1
0.1
0.1
V
IOL = 20 µA
6
0.1
0.1
0.1
V
Low-level output voltage
TTL loads
IOL= 6 mA
4.5
0.26
0.33
0.4
V
IOL = 7.8 mA
6
0.26
0.33
0.4
V
II
Input leakage current
VI = VCC or GND
6
±0.1
±1
±1
µA
ICC
Quiescent device current
VI = VCC or GND
6
8
80
160
µA
IOZ
Three-state leakage
current
VO = VCC or
GND
6
±0.5
±5
±10
µA
HCT TYPES
VIH
High-level input voltage
4.5 to
5.5
2
2
2
V
VIL
Low-level input voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High-level output voltage
CMOS loads
VOH = – 20 µA
4.5
4.4
4.4
4.4
V
High-level output voltage
TTL loads
VOH = – 6 mA
4.5
3.98
3.84
3.7
V
VOL
Low-level output voltage
CMOS loads
VOL = 20 µA
4.5
0.1
0.1
0.1
V
Low-level output voltage
TTL
VOL = 6 mA
4.5
0.26
0.33
0.4
V
II
Input leakage current
VI = VCC or GND
5.5
±0.1
±1
±1
µA
ICC
Quiescent device current
VI = VCC or GND
5.5
8
80
160
µA
IOZ
Three-state leakage
current
VO = VCC or
GND
5.5
±0.5
±5
±10
∆ICC (1)
Additional quiescent
device current per input
pin
DIR input held at
VCC – 2.1
4.5 to
5.5
100
324
405
441
µA
OE and A inputs
held at vCC – 2.1
4.5 to
5.5
100
540
675
735
B input held at
VCC – 2.1
4.5 to
5.5
100
540
675
735
(1)
For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA
www.ti.com
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640
SCHS192C – NOVEMBER 1998 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54HC640 CD74HC640 CD54HCT640 CD74HCT640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com