Electronic Components Datasheet Search
  English  ▼

X  

CD74HC640 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD74HC640
Description  CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC640 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD74HC640 Datasheet HTML 4Page - Texas Instruments CD74HC640 Datasheet HTML 5Page - Texas Instruments CD74HC640 Datasheet HTML 6Page - Texas Instruments CD74HC640 Datasheet HTML 7Page - Texas Instruments CD74HC640 Datasheet HTML 8Page - Texas Instruments CD74HC640 Datasheet HTML 9Page - Texas Instruments CD74HC640 Datasheet HTML 10Page - Texas Instruments CD74HC640 Datasheet HTML 11Page - Texas Instruments CD74HC640 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
7 Detailed Description
7.1 Overview
The CDx4HC640 and CDx4HCT640 silicon-gate CMOS three-state bidirectional inverting and non-inverting
buffers are intended for two-way asynchronous communication between data buses. They have high drive
current outputs which enable high-speed operation when driving large bus capacitances. These circuits possess
the low power dissipation of CMOS circuits, and have speeds comparable to low power Schottky TTL circuits.
They can drive 15 LSTTL loads. The CDx4HC640 and CDx4HCT640 devices have inverting buffers.
The direction of data flow (A to B, B to A) is controlled by the DIR input.
Outputs are enabled by a low on the Output Enable input (OE); a high OE puts these devices in the high
impedance mode.
7.2 Functional Block Diagram
7.3 Device Functional Modes
Table 7-1. Function Table
(2)
Control Inputs(1)
Data Port Status
OE
DIR
An
Bn
L
L
O
I
H
H
Z
Z
H
L
Z
Z
L
H
I
O
(1)
H = High level. L = Low level. I = Input. O = Output (inversion of
input level). Z = High impedance.
(2)
To prevent excess currents in the High-Z modes all I/O terminals
should be terminated with 1kΩ to 1MΩ resistors.
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640
SCHS192C – NOVEMBER 1998 – REVISED JULY 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC640 CD74HC640 CD54HCT640 CD74HCT640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com