Electronic Components Datasheet Search
  English  ▼

X  

DAC8580 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC8580
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8580 Datasheet HTML 7Page - Texas Instruments DAC8580 Datasheet HTML 8Page - Texas Instruments DAC8580 Datasheet HTML 9Page - Texas Instruments DAC8580 Datasheet HTML 10Page - Texas Instruments DAC8580 Datasheet HTML 11Page - Texas Instruments DAC8580 Datasheet HTML 12Page - Texas Instruments DAC8580 Datasheet HTML 13Page - Texas Instruments DAC8580 Datasheet HTML 14Page - Texas Instruments DAC8580 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
−80
−60
−40
−20
0
20
40
60
80
3
3.5
4
4.5
5
5.5
6
THD
SFDR, Dominated by Images
OSR = 16,
Fo = 20 kHz,
Fclk = 8 MHz,
No Analog Filter Used,
Vref = AVDD = −AVSS
AVDD − Supply Voltage − V
−80
−60
−40
−20
0
20
40
60
80
0
50000
100000
150000
200000
250000
THD
SFDR
Output Frequency − Hz
OSR = 16,
No Analog Filter Used
VREF − Reference Voltage − V
−80
−60
−40
−20
0
20
40
60
80
3
3.5
4
4.5
5
5.5
6
THD
SFDR
OSR = 16,
Fo = 100 kHz,
Fclk = 16 MHz,
No Analog Filter Used,
AVDD = 6 V,
AVSS = −6 V
−4
−3
−2
−1
0
1
2
3
4
0
16384
32768
49152
65536
Input Code
After piece−wise linear external calibration
−140
−120
−100
−80
−60
−40
−20
0
0
1000
2000
3000
4000
5000
6000
f − Frequency − Hz
Fo = 1 kHz,
Fs = 192 KSPS
After piece−wise linear external calibration.
Filter Off
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
TYPICAL CHARACTERISTICS (AVDD = 5 V, AVSS = –5 V, VREF = 4.096 V, unless otherwise
noted) (continued)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
AND SPURIOUS FREE DYNAMIC RANGE
AND SPURIOUS FREE DYNAMIC RANGE
vs
vs
OUTPUT FREQUENCY
SUPPLY VOLTAGE
Figure 28.
Figure 29.
TOTAL HARMONIC DISTORTION
SOFTWARE-TRIMMED UNIT
AND SPURIOUS FREE DYNAMIC RANGE
LINEARITY ERROR
vs
vs
REFERENCE VOLTAGE
INPUT CODE
Figure 30.
Figure 31.
SOFTWARE-TRIMMED UNIT
POWER SPECTRAL DENSITY
Figure 32.
11
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com