Electronic Components Datasheet Search
  English  ▼

X  

DAC8580 Datasheet(PDF) 12 Page - Texas Instruments

Part # DAC8580
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8580 Datasheet HTML 8Page - Texas Instruments DAC8580 Datasheet HTML 9Page - Texas Instruments DAC8580 Datasheet HTML 10Page - Texas Instruments DAC8580 Datasheet HTML 11Page - Texas Instruments DAC8580 Datasheet HTML 12Page - Texas Instruments DAC8580 Datasheet HTML 13Page - Texas Instruments DAC8580 Datasheet HTML 14Page - Texas Instruments DAC8580 Datasheet HTML 15Page - Texas Instruments DAC8580 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
www.ti.com
THEORY OF OPERATION
LPF
DAC8580
−
+
Output
Driver
De-glitcher
−
+
I-to-V
Converter
Iout
DAC
@
Output Voltage (VOUT)
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
The traditional high-speed, voltage-output D/A conversion employs a current-output DAC followed by an I-to-V
conversion amplifier. For voltage waveform generation applications, these components are typically followed by a
sample-and-hold de-glitcher circuit, an analog low-pass filter, and an external buffer to drive low-impedance
loads (see Figure 33). Monolithic applications of such traditional architectures suffer from the imperfections of
on-chip sample-and-hold circuits, and the analog filters. Multi-chip applications of this traditional architecture
suffer from voltage drift problems due to the temperature coefficient mismatches between external passive
components and the D/A converter, as well as large circuit size and high cost. DAC8580 is designed to address
the problems of traditional high-speed, high-resolution, voltage-output D/A converters.
Figure 33. Traditional Voltage Output Waveform Generation Circuitry Replaced by a Single DAC8580
The DAC8580 uses a proprietary, inherently monotonic, high-speed, low-glitch, resistor-string architecture,
followed by an on-chip low-noise output amplifier. 16-bit input data is coded in twos-complement format and
transmitted using a 3-wire serial interface (MSB first). The input data is sent to an on-chip digital interpolation
filter. The filter can be programmed to different oversampling rates, it can be bypassed, or it can be totally
disabled. The digital data is then decoded to select a tap voltage of the resistor string. The resistor-string output
is sent to a high-speed, low-noise output amplifier. The output buffer has quasi-rail-to-rail swing capability (within
250-mV range of each rail) on a 600-
Ω, 200-pF load. Loads of 50 Ω or 75 Ω can also be continuously driven as
long as the output current remains within ±25 mA. The DAC8580 reduces the components that are used for
implementing sample-and-hold circuits, analog filters, and output driver amplifiers.
The resistor-string DAC architecture provides low glitch, exceptional differential linearity, and temperature stability
while the output buffer provides fast settling and exceptionally low noise (20 nV/
√Hz). The DAC8580 settles well
under 1 µs for large signals. The small-signal settling time is less than 150 ns, which enables (oversampled)
update rates exceeding 6.7 MSPS. If some small-signal settling error can be tolerated, the DAC8580 can update
as fast as 16 MSPS.
Due to the remarkably low glitch energy, the DAC8580 has low harmonic distortion ( –70 dB THD for 1-kHz sine
wave output). When the linearity error of the DAC8580 is calibrated using a lookup table, the THD performance
typically exceeds 98 dBs, without an external S/H circuit.
The DAC8580 needs a low-noise external reference voltage to set its output voltage range. The DAC8580 does
not introduce glitches to the external voltage source. This significantly reduces the crosstalk when a single
external reference is used to supply the reference voltage for multiple devices.
The DAC8580 has a 3-wire serial interface to communicate with a microprocessor or a DSP. The host is not
overloaded by the DAC8580: When the digital filter is on, the host needs only to send 1-out-of-16 data points (for
oversampling rate 16). The digital filter of the DAC8580 can generate the remaining data points digitally, on-chip.
When the digital filter is disabled (bypassed), the DAC8580 operates as a standard, 16-bit, 2-MSPS,
voltage-output DAC. The 1.8-V to 5.5-V digital interface of the DAC8580 enables compatibility with various logic
families.
The DAC8580 uses a high-performance rail-to-rail output buffer capable of driving a 600-
Ω, 200-pF load with fast
1-µs large-signal settling. The buffer has exceptional noise performance (20 nV/
√Hz) and fast slew-rate
(35 V/µs). The small-signal settling time is under 150 ns, supporting DAC update rates exceeding 6.7 MSPS.
12
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com