Electronic Components Datasheet Search
  English  ▼

X  

3240701 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240701
Description  WP-STEEL ZC 45 - Protective hose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240701 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240701 Datasheet HTML 1Page - PHOENIX CONTACT 3240701 Datasheet HTML 2Page - PHOENIX CONTACT 3240701 Datasheet HTML 3Page - PHOENIX CONTACT 3240701 Datasheet HTML 4Page - PHOENIX CONTACT 3240701 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Protective hose, material: Steel, galvanized, degree of protection: IP40, color: silver-colored,
inside diameter: 40 mm, Total length: 10 m
Commercial data
Item number
3240701
Packing unit
1 m
Minimum order quantity
10 m
Sales key
BF68
Product key
AF7DSA
GTIN
4046356737210
Weight per piece (including packing)
5,800 g
Weight per piece (excluding packing)
60,510 g
Customs tariff number
83071000
Country of origin
DE
WP-STEEL ZC 45 - Protective hose
3240701
https://www.phoenixcontact.com/us/products/3240701
Sep 17, 2025, 7:40AM
Page 1 (5)


Similar Part No. - 3240701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240700 PHOENIX-3240700 Datasheet
80Kb / 4P
Protective hose - WP-STEEL ZC 36
09/12/2020
3240702 PHOENIX-3240702 Datasheet
52Kb / 3P
Cable binder base - WT-BASE HF 5
09/12/2020
3240703 PHOENIX-3240703 Datasheet
53Kb / 3P
Cable binder base - WT-BASE HF 5 BK
09/12/2020
3240704 PHOENIX-3240704 Datasheet
52Kb / 3P
Cable binder base - WT-BASE HF 9
09/12/2020
3240705 PHOENIX-3240705 Datasheet
53Kb / 3P
Cable binder base - WT-BASE HF 9 BK
09/12/2020
More results

Similar Description - 3240701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240854 PHOENIX-3240854 Datasheet
77Kb / 4P
Protective hose - WP-SPIRAL PVC C 36
09/12/2020
3240855 PHOENIX-3240855 Datasheet
75Kb / 4P
Protective hose - WP-SPIRAL PVC C 45
09/12/2020
3240862 PHOENIX-3240862 Datasheet
76Kb / 4P
Protective hose - WP-SPIRAL PU C HF 45
09/12/2020
3240863 PHOENIX-3240863 Datasheet
74Kb / 4P
Protective hose - WP-STEEL S 17
09/12/2020
3240867 PHOENIX-3240867 Datasheet
69Kb / 4P
Protective hose - WP-STEEL PVC C 10
09/12/2020
3240873 PHOENIX-3240873 Datasheet
75Kb / 4P
Protective hose - WP-STEEL PVC C 45
09/12/2020
3240700 PHOENIX-3240700 Datasheet
80Kb / 4P
Protective hose - WP-STEEL ZC 36
09/12/2020
3240850 PHOENIX-3240850 Datasheet
73Kb / 4P
Protective hose - WP-SPIRAL PVC C 14
09/12/2020
3240851 PHOENIX-3240851 Datasheet
76Kb / 4P
Protective hose - WP-SPIRAL PVC C 17
09/12/2020
3240852 PHOENIX-3240852 Datasheet
79Kb / 5P
Protective hose - WP-SPIRAL PVC C 21
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com