Electronic Components Datasheet Search
  English  ▼

X  

3240701 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3240701
Description  WP-STEEL ZC 45 - Protective hose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240701 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3240701 Datasheet HTML 1Page - PHOENIX CONTACT 3240701 Datasheet HTML 2Page - PHOENIX CONTACT 3240701 Datasheet HTML 3Page - PHOENIX CONTACT 3240701 Datasheet HTML 4Page - PHOENIX CONTACT 3240701 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Notes
Notes on operation
Protective hose length is measured stretched out; length
tolerance ±5%
Product properties
Product type
Protective hose
Tensile strength GRP
500 N
Dimensions
Internal dimensions
Internal diameter
40 mm
Material specifications
Material
Steel, galvanized
Components
halogen-free
Cable/line
Bending radius, dynamic
205 mm
Bending radius, static
82 mm
Tensile strength
500 N
Halogen-free
yes
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP40
Ambient temperature (operation)
-50 °C ... 250 °C
WP-STEEL ZC 45 - Protective hose
3240701
https://www.phoenixcontact.com/us/products/3240701
Sep 17, 2025, 7:40AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com