Electronic Components Datasheet Search
  English  ▼

X  

3240751 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3240751
Description  WT-HF 3,6X200-L - Cable tie
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240751 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3240751 Datasheet HTML 1Page - PHOENIX CONTACT 3240751 Datasheet HTML 2Page - PHOENIX CONTACT 3240751 Datasheet HTML 3Page - PHOENIX CONTACT 3240751 Datasheet HTML 4Page - PHOENIX CONTACT 3240751 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Cable binders for quick and secure bundling, standard version
Commercial data
Item number
3240751
Packing unit
1,000 pc
Minimum order quantity
1,000 pc
Sales key
BE07
Product key
BE7131
GTIN
4046356704670
Weight per piece (including packing)
0.887 g
Weight per piece (excluding packing)
0.817 g
Customs tariff number
39269097
Country of origin
IT
WT-HF 3,6X200-L - Cable tie
3240751
https://www.phoenixcontact.com/us/products/3240751
Sep 17, 2025, 7:37AM
Page 1 (5)


Similar Part No. - 3240751

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
324075 WURTH-324075 Datasheet
618Kb / 2P
Flexible absorber foil WE-FAS EMI
logo
Tyco Electronics
324075 MACOM-324075 Datasheet
258Kb / 30P
Standard Terminals and Splices
logo
TE Connectivity Ltd
324075 TEC-324075 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
PHOENIX CONTACT
3240750 PHOENIX-3240750 Datasheet
183Kb / 5P
WT-HF 3,6X200 BK-L - Cable tie
3240752 PHOENIX-3240752 Datasheet
182Kb / 5P
WT-HF 3,6X290 - Cable tie
More results

Similar Description - 3240751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240760 PHOENIX-3240760 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200
09/12/2020
3240761 PHOENIX-3240761 Datasheet
73Kb / 4P
Cable tie - WT-HF 4,5X200 BK
09/12/2020
3240762 PHOENIX-3240762 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200 BK-L
09/12/2020
3240763 PHOENIX-3240763 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X200-L
09/12/2020
3240770 PHOENIX-3240770 Datasheet
72Kb / 4P
Cable tie - WT-HF 4,5X430
09/12/2020
3240771 PHOENIX-3240771 Datasheet
73Kb / 4P
Cable tie - WT-HF 4,5X430 BK
09/12/2020
3240786 PHOENIX-3240786 Datasheet
58Kb / 3P
Cable tie - WT-HT HF 4,5X200
09/12/2020
3240796 PHOENIX-3240796 Datasheet
58Kb / 3P
Cable tie - WT-ID HF 3,5X200 BU
09/12/2020
3240803 PHOENIX-3240803 Datasheet
57Kb / 3P
Cable tie - WT-R HF 4,8X200
09/12/2020
3240832 PHOENIX-3240832 Datasheet
59Kb / 3P
Cable tie - WT-UV HF 3,6X140 BK
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com