Electronic Components Datasheet Search
  English  ▼

X  

3240751 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3240751
Description  WT-HF 3,6X200-L - Cable tie
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3240751 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3240751 Datasheet HTML 1Page - PHOENIX CONTACT 3240751 Datasheet HTML 2Page - PHOENIX CONTACT 3240751 Datasheet HTML 3Page - PHOENIX CONTACT 3240751 Datasheet HTML 4Page - PHOENIX CONTACT 3240751 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Cable tie
Tensile strength GRP
130 N
Dimensions
Width
3.6 mm
Length
200 mm
Material specifications
Color
transparent
Material
PA 6.6
Flammability rating according to UL 94
V2
Components
free from silicone and halogen
Cable/line
External cable diameter
3 mm ... 50 mm
Tensile strength
130 N
Environmental and real-life conditions
Ambient conditions
Optimum ambient temperature (storage/transport)
23.00 °C 50.00 % Polyamide 6.6 has pronounced hygroscopic
properties. It absorbs or releases water in accordance with the
level of humidity within its environment. Its properties are ideal
when the percentage of water is 2 - 3%. The packaging, which is
tailored specifically to the product concerned, contains the
optimum level of moisture.To ensure that the ideal properties are
maintained, the following points should be observed during
storage: Keep product stored inside sealed original packaging,
carry out any product processing soon after breaking open the
packaging, avoid direct sunlight, avoid direct heat.
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (assembly)
-10 °C ... 60 °C
Resistance to UV radiation
no
Short-term temperature
110 °C
Mounting
Mounting type
Cannot be removed
WT-HF 3,6X200-L - Cable tie
3240751
https://www.phoenixcontact.com/us/products/3240751
Sep 17, 2025, 7:37AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com