Electronic Components Datasheet Search
  English  ▼

X  

CLS4D09 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLS4D09
Description  Power Inductor& 2 in 1 Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D09 Datasheet(HTML) 1 Page - Sumida Corporation

  CLS4D09 Datasheet HTML 1Page - Sumida Corporation CLS4D09 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor& 2 in 1 Transformer <SMD Type: CLS Series>
Type: CLS4D09
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
◆ Product Description
・4.9×4.9mm Max.(L×W), 1.0mm Max. Height.
・4 Terminal pins’ type gives a flexible design as inductors or transformers
(SEPIC,ZETA circuit).
・Custom design is available.
◆ Feature
・Magnetically shielded construction.
・Ideally used in portable devices such as Mobilephone,DSC/DVC,MP3,PDA, etc as
DC-DC Converter inductors, specially suitable for White LED drive.
・RoHS Compliant
◆ Dimensions (mm)
◆ Land Pattern (mm)
◆ Schematics(Bottom)
4
3
1
2
Ma x. 1. 0
5.
4
3.
3
1.
0
+0.3
-0.2
4.6
Max.1.0
1.
4
2.
9
1
4
2
3
S


Similar Part No. - CLS4D09

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
POWER INDUCTORS (SMD Type)
CLS4D09NP-100NB SUMIDA-CLS4D09NP-100NB Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-100NC SUMIDA-CLS4D09NP-100NC Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-150NB SUMIDA-CLS4D09NP-150NB Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
CLS4D09NP-150NC SUMIDA-CLS4D09NP-150NC Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
More results

Similar Description - CLS4D09

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS6D23 SUMIDA-CLS6D23 Datasheet
39Kb / 1P
Power Inductor&2 in 1 Power Transformer
CLS6D18 SUMIDA-CLS6D18 Datasheet
39Kb / 1P
Power Inductor&2 in 1 Power Transformer
CLS4D23 SUMIDA-CLS4D23 Datasheet
160Kb / 2P
Power Inductor & 2 in 1 Power Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
Power Inductor & 2 in 1 Transformer
CLS3D18 SUMIDA-CLS3D18 Datasheet
44Kb / 2P
Power Inductor & 2 in 1 Power Transformer
CLS4D28B SUMIDA-CLS4D28B Datasheet
116Kb / 4P
Power Inductor & 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
Power Inductor& 2 in 1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com