Electronic Components Datasheet Search
  English  ▼

X  

CLS4D09 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CLS4D09
Description  Power Inductor& 2 in 1 Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D09 Datasheet(HTML) 2 Page - Sumida Corporation

  CLS4D09 Datasheet HTML 1Page - Sumida Corporation CLS4D09 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor& 2 in 1 Transformer <SMD Type: CLS Series>
Type: CLS4D09
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
Part Name
※
Stamp
Inductance
[Within]
100kHz
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
current
(mA)
(at 20℃)※1
Temperature
rise current
(mA) ※2
CLS4D09NP-4R7N□
A
4.7μH±30%
185(150)
800
750
CLS4D09NP-6R8N□
B
6.8μH±30%
260(210)
630
630
CLS4D09NP-100N□
C
10μH±30%
370(300)
500
500
CLS4D09NP-150N□
D
15μH±30%
580(470)
420
370
CLS4D09NP-220N□
E
22μH±30%
910(730)
350
300
※ Description of part name
CLS4D09NP-4R7N□
※1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
※2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B
Box
C
Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com