Electronic Components Datasheet Search
  English  ▼

X  

TIP121 Datasheet(PDF) 2 Page - Multicomp Pro

Part # TIP121
Description  Darlington Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP121 Datasheet(HTML) 2 Page - Multicomp Pro

  TIP121 Datasheet HTML 1Page - Multicomp Pro TIP121 Datasheet HTML 2Page - Multicomp Pro TIP121 Datasheet HTML 3Page - Multicomp Pro TIP121 Datasheet HTML 4Page - Multicomp Pro TIP121 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page <2>
V1.0
18/12/19
Darlington Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (Tc = 25°C unless otherwise noted)
Characteristic
Symbol
Minimum
Maximum
Unit
Off Characteristics
Collector-Emitter Breakdown Voltage (1)
(IC = 30 mA, IB = 0)
TIP120, TIP125
TIP121, TIP126
TIP122, TIP127
VCEO(SUS)
60
80
100
-
V
Collector Cut off Current
(Vce = 30 V, Ib = 0)
TIP120, TIP125
(Vce = 40 V, Ib = 0)
TIP121, TIP126
(Vce = 50 V, Ib = 0)
TIP122, TIP127
Iceo
-
0.5
0.5
0.5
mA
Collector Cut off Current
(Vce = 60 V, Ib = 0)
TIP120, TIP125
(Vce = 80 V, Ib = 0)
TIP121, TIP126
(Vce = 100 V, Ib = 0)
TIP122, TIP127
Icbo
-
0.2
0.2
0.2
Collector Cut off Current
(Veb = 5V, Ic = 0)
Iebo
-
2
On Characteristics (1)
DC Current Gain
(Ic = 0.5A, Vce = 3V)
(Ic = 3A, Vce = 3V)
hFe
1,000
1,000
-
-
Collector-Emitter Saturation Voltage
(Ic = 3A, Ib = 12mA)
(Ic = 5A, Ib = 20mA)
VCE(sat)
-
2
4
V
Base-Emitter on Voltage
(Ic = 3A, Vce = 3V)
VBE(on)
-
2.5
Dynamic Characteristics
Small-Signal Current Gain
(Ic = 3A, Vce = 4V, f = 1MHz)
hfe
4
-
-
Output Capacitance
(V
cb = 10V, Ie = 0, f = 0.1MHz) TIP120, TIP121, TIP122
TIP125, TIP126, TIP127
Cob
-
300
250
pF
(1) Pulse Test : Pulse width = 300µs, duty cycle ≤2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com